Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCC4245ADWRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVCC4245ADWRE4
Description  OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC4245ADWRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVCC4245ADWRE4 Datasheet HTML 2Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 3Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 9Page - Texas Instruments SN74LVCC4245ADWRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION FOR A TO B
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
3 V
0 V
tw
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
VOH
VOL
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOL + 0.3 V
VOH - 0.3 V
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
Input
3 V
0 V
Input
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
SN74LVCC4245A
OCTAL DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS584M – NOVEMBER 1996 – REVISED MARCH 2005
V
CCA = 4.5 V TO 5.5 V AND VCCB = 2.7 V TO 3.6 V
Figure 1. Load Circuit and Voltage Waveforms
6


Similar Part No. - SN74LVCC4245ADWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245ADWRE4 TI-SN74LVCC4245ADWRE4 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCC4245ADWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC4245A RENESAS-HD74LVCC4245A_15 Datasheet
117Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A Datasheet
111Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A_05 Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
logo
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC4245A PERICOM-PI74LVCC4245A Datasheet
501Kb / 11P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
logo
Integrated Device Techn...
IDT74LVCC4245 IDT-IDT74LVCC4245 Datasheet
94Kb / 10P
   CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
logo
Texas Instruments
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
236Kb / 16P
[Old version datasheet]   8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com