Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C03YI-TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT25C03YI-TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C03YI-TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT25C03YI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C03YI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAT25C11/03/05/09/17
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
FEATURES
s 10 MHz SPI compatible
s 1.8 to 6.0 volt operation
s Hardware and software protection
s Low power CMOS technology
s SPI modes (0,0 & 1,1)*
s Commercial, industrial, automotive and extended
temperature ranges
s 1,000,000 program/erase cycles
s 100 year data retention
s Self-timed write cycle
s 8-pin DIP/SOIC, 8/14-pin TSSOP and 8-pin MSOP
s 16/32-byte page write buffer
s Write protection
– Protect first page, last page, any 1/4 array or
lower 1/2 array
PIN CONFIGURATION
DIP Package (P, L)
PIN FUNCTIONS
Pin Name
Function
SO
Serial Data Output
SCK
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
NC
No Connect
BLOCK DIAGRAM
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DESCRIPTION
The CAT25C11/03/05/09/17 is a 1K/2K/4K/8K/16K-Bit
SPI Serial CMOS EEPROM internally organized as
128x8/256x8/512x8/1024x8/2048x8
bits. Catalyst’s
advanced CMOS Technology substantially reduces
device power requirements. The CAT25C11/03/05
features a 16-byte page write buffer. The 25C09/17
features a 32-byte page write buffer.The device operates
via the SPI bus serial interface and is enabled though a
Chip Select (
CS). In addition to the Chip Select, the clock
input (SCK), data in (SI) and data out (SO) are required
to access the device. The
HOLD pin may be used to
suspend any serial communication without resetting the
serial sequence. The CAT25C11/03/05/09/17 is designed
with software and hardware write protection features
including Block Write protection. The device is available
in 8-pin DIP, 8-pin SOIC, 8/14-pin TSSOP and 8-pin
MSOP packages.
TSSOP Package (U14, Y14)
SOIC Package (S, V)
VSS
SO
WP
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
SO
WP
CS
VCC
SCK
SI
1
2
3
4
8
7
6
5
VSS
HOLD
TSSOP Package (U, Y)
8
7
6
5
VCC
WP
SCK
CS
VSS
1
2
3
4
SO
HOLD
SI
Doc. No. 1017, Rev. J
SO
WP
CS
VCC
SCK
SI
1
2
3
4
8
7
6
5
VSS
HOLD
MSOP Package (R, Z)*
*CAT25C11/03 only
ALO
GEN FR
TM
LEAD FREE
SENSE AMPS
SHIFT REGISTERS
SPI
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
I/O
CONTROL
EEPROM
ARRAY
COLUMN
DECODERS
XDEC
HIGH VOLTAGE/
TIMING CONTROL
SO
STATUS
REGISTER
BLOCK
PROTECT
LOGIC
DATA IN
STORAGE
SI
CS
WP
HOLD
SCK
* Other SPI modes available on request.
14
13
12
11
10
9
8
VCC
NC
CS
1
2
3
4
5
6
7
SO
HOLD
NC
NC
SCK
SI
NC
NC
NC
WP
VSS


Similar Part No. - CAT25C03YI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03YITE13 CATALYST-CAT25C03YITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C03YI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com