Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1562BE Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1562BE
Description  Hi-Speed Universal Serial Bus PCI Host Controller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1562BE Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1562BE Datasheet HTML 4Page - NXP Semiconductors ISP1562BE Datasheet HTML 5Page - NXP Semiconductors ISP1562BE Datasheet HTML 6Page - NXP Semiconductors ISP1562BE Datasheet HTML 7Page - NXP Semiconductors ISP1562BE Datasheet HTML 8Page - NXP Semiconductors ISP1562BE Datasheet HTML 9Page - NXP Semiconductors ISP1562BE Datasheet HTML 10Page - NXP Semiconductors ISP1562BE Datasheet HTML 11Page - NXP Semiconductors ISP1562BE Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
9397 750 14223
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 14 July 2005
8 of 98
Philips Semiconductors
ISP1562
USB PCI Host Controller
GNDD
64
-
digital ground
AD[5]
65
I/O
bit 5 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[4]
66
I/O
bit 4 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[3]
67
I/O
bit 3 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[2]
68
I/O
bit 2 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[1]
69
I/O
bit 1 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
AD[0]
70
I/O
bit 0 of multiplexed PCI address and data
PCI pad; 3.3 V signaling
VCC(I/O)
71
-
3.3 V supply voltage; used to power pads; add a 100 nF decoupling
capacitor
GNDA
72
-
analog ground
AUX1V8
73
-
1.8 V auxiliary output voltage; only for voltage conditioning; cannot be
used to supply power to external components; add a 100 nF
decoupling capacitor
XTAL1
74
AI
crystal oscillator input; this can also be a 12 MHz clock input
XTAL2
75
AO
crystal oscillator output (12 MHz); leave open when clock is used
GNDD
76
-
digital ground
VCC(I/O)_AUX 77
-
3.3 V auxiliary supply voltage; used to power pads; add a 100 nF
decoupling capacitor
OC1_N
78
I
overcurrent sense input for the USB downstream port 1 (digital)
3.3 V input pad; push-pull; CMOS
PWE1_N
79
O
power enable for the USB downstream port 1
3.3 V output pad; 3 ns slew rate control; CMOS; open-drain
GNDA
80
-
analog ground
RREF
81
AI/O
analog connection for the external resistor (12 k
Ω± 1%)
GNDA
82
-
analog ground
DM1
83
AI/O
D
−; analog connection for the USB downstream port 1; leave this pin
open when not in use
GNDA
84
-
analog ground
DP1
85
AI/O
D+; analog connection for the USB downstream port 1; leave this pin
open when not in use
VDDA_AUX
86
-
auxiliary analog supply voltage; add a 100 nF decoupling capacitor
OC2_N
87
I
overcurrent sense input for the USB downstream port 2 (digital)
3.3 V input pad; push-pull; CMOS
PWE2_N
88
O
power enable for the USB downstream port 2
3.3 V output pad; 3 ns slew rate control; CMOS; open-drain
GNDA
89
-
analog ground
Table 2:
Pin description…continued
Symbol [1]
Pin
Type
Description


Similar Part No. - ISP1562BE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1562BE NXP-ISP1562BE Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
More results

Similar Description - ISP1562BE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
   Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
   Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com