Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120050U Datasheet(PDF) 1 Page - CUI INC

Part No. EPSA120050U
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120050U Datasheet(HTML) 1 Page - CUI INC

  EPSA120050U Datasheet HTML 1Page - CUI INC EPSA120050U Datasheet HTML 2Page - CUI INC EPSA120050U Datasheet HTML 3Page - CUI INC EPSA120050U Datasheet HTML 4Page - CUI INC EPSA120050U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
05/28/2013
page
1 of 5
SERIES:
EPSA 6W │ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
EPSA033180U
3.3
1.8
6
150
V
EPSA050120U
5
1.2
6
150
V
EPSA060100U
6
1
6
150
V
EPSA090067U
9
0.67
6
150
V
EPSA120050U
12
0.5
6
150
V
EPSA150040U
15
0.4
6
200
V
EPSA180033U
18
0.33
6
200
V
EPSA240025U
24
0.25
6
200
V
Note:
1. At full load, 100 ~ 240 Vac input, 20 MHz bandwidth oscilloscope, output terminated with 0.1 μF and 47 μF capacitors.
PART NUMBER KEY
EPSA033180UX - XX - SZ - CXX
DC Plug Type
Factory
Designation
Base Number
example of 3.3 Vdc, 1.8 A
Reserved for Custom
Configurations
FEATURES
• up to 6 W power
• universal input (90~264 Vac)
• single regulated output from 3.3~24 V
• over voltage, over current, and short circuit protections
• UL/cUL safety approvals
• level V efficiency
• custom designs available
RoHS
Case/Cord Color
“blank” = black
W = white
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn