Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120050U Datasheet(PDF) 3 Page - CUI INC

Part No. EPSA120050U
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120050U Datasheet(HTML) 3 Page - CUI INC

  EPSA120050U Datasheet HTML 1Page - CUI INC EPSA120050U Datasheet HTML 2Page - CUI INC EPSA120050U Datasheet HTML 3Page - CUI INC EPSA120050U Datasheet HTML 4Page - CUI INC EPSA120050U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
05/28/2013 │ page 3 of 5
CUI Inc
│ SERIES: EPSA 6W │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING
cord length
DC CORD
MODEL NO.
CABLE GAUGE
CORD LENGTH
EPSA033180U
20 AWG
1,000 mm ±100
EPSA050120U
22 AWG
1,530 mm ±100
EPSA060100U
22 AWG
1,530 mm ±100
EPSA090067U
22 AWG
1,530 mm ±100
EPSA120050U
24 AWG
1,530 mm ±100
EPSA150040U
24 AWG
1,530 mm ±100
EPSA180033U
24 AWG
1,530 mm ±100
EPSA240025U
24 AWG
1,530 mm ±100
units: mm
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors


Similar Part No. - EPSA120050U

ManufacturerPart No.DatasheetDescription
CUI INC
CUI INC
EPSA120050U CUI-EPSA120050U Datasheet
393Kb / 5P
   AC-DC POWER SUPPLY
EPSA120050UB CUI-EPSA120050UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120050UB CUI-EPSA120050UB Datasheet
354Kb / 5P
   AC-DC POWER SUPPLY
EPSA120050UB CUI-EPSA120050UB Datasheet
354Kb / 5P
   AC-DC POWER SUPPLY
EPSA120050UE CUI-EPSA120050UE Datasheet
202Kb / 4P
   SWITCHING POWER SUPPLY
More results

Similar Description - EPSA120050U

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
List of Unclassifed Manufacturers
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
   AC/DC Power Supply
CUI INC
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VMS-160-5 CUI-VMS-160-5_11 Datasheet
330Kb / 5P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
   AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
   AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
   AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
   AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
   AC-DC POWER SUPPLY
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz