Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120200U Datasheet(PDF) 2 Page - CUI INC

Part No. EPSA120200U
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CUI [CUI INC]
Homepage  http://www.cui.com
Logo 

EPSA120200U Datasheet(HTML) 2 Page - CUI INC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 12/10/2014
│ page 2 of 5
CUI Inc
│ SERIES: EPSA 24W │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.8
A RMS
inrush current1
at 115 Vac, full load, cold start
at 230 Vac, full load, cold start
50
100
A
A
leakage current
0.25
mA
no load power consumption
0.3
W
Notes:
1. 24 V model, no damage at 230 Vac, cool start
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±1
%
load regulation
±5
%
PROTECTIONS
parameter
conditions/description
short circuit protection
output shut down and auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
4,242
Vac
Vdc
isolation resistance
input to output at 500 Vdc
100
MΩ
safety approvals
UL 60950-1
EMI/EMC
FCC Class B
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-10
70
°C
operating humidity
20
80
%
storage humidity
10
90
%
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn