Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1120CP Datasheet(PDF) 6 Page - International Rectifier

Part # IRU1120CP
Description  2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1120CP Datasheet(HTML) 6 Page - International Rectifier

  IRU1120CP Datasheet HTML 1Page - International Rectifier IRU1120CP Datasheet HTML 2Page - International Rectifier IRU1120CP Datasheet HTML 3Page - International Rectifier IRU1120CP Datasheet HTML 4Page - International Rectifier IRU1120CP Datasheet HTML 5Page - International Rectifier IRU1120CP Datasheet HTML 6Page - International Rectifier IRU1120CP Datasheet HTML 7Page - International Rectifier IRU1120CP Datasheet HTML 8Page - International Rectifier IRU1120CP Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRU1120
6
Rev. 1.3
08/20/02
www.irf.com
IRU1120 Voltage Dropout Over Temperature
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
-40°C
-25°C
0°C
25°C
50°C
75°C
100°C
125°C
Vctrl=5V, VinDO @ 2A
Vctrl=5V, VinDO @ 1.5A
Vctrl=5V, VinDO @ 1A
IRU1120 Current Limit over Temperature
2.60
2.80
3.00
3.20
3.40
I Limit @ 5V/5V
I Limit @ 3.3V/5V
IRU1120 Voltage Dropout over Temperature
0.900
1.000
1.100
1.200
1.300
1.400
1.500
-40°C
-25°C
0°C
25°C
50°C
75°C
100°C 125°C 150°C
Vin=Vctrl, 2A
Vin=Vctrl, 1.5A
Vin=Vctrl, 1A
Vin=Vctrl, 0.5A
Figure 4 - Voltage dropout over temperature @ VCTRL=5V.
Figure 5 - Voltage dropout over temperature @ VIN=VCTRL.
Figure 6 - Current limit over temperature @ VCTRL=VIN=5V and VCTRL=5V and VIN=3.3V
TYPICAL CHARACTERISTICS


Similar Part No. - IRU1120CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1120CP

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com