Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVCC4245APWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVCC4245APWR
Description  OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC4245APWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVCC4245APWR Datasheet HTML 1Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 2Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 3Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 4Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 5Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 6Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 7Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 8Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
DIR
OE
A1
B1
To Seven Other Channels
2
3
22
21
Absolute Maximum Ratings
(1)
SN74LVCC4245A
OCTAL DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS584M – NOVEMBER 1996 – REVISED MARCH 2005
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
6
V
VCCB
I/O ports (A port)
–0.5
VCCA + 0.5
VI
Input voltage range(2)
I/O ports (B port)
–0.5
VCCB + 0.5
V
Except I/O ports
–0.5
VCCA + 0.5
A port
–0.5
VCCA + 0.5
VO
Output voltage range(2)
V
B port
–0.5
VCCB + 0.5
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCCA, VCCB, or GND
±100
mA
DB package
63
DW package
46
θ
JA
Package thermal impedance(3)
°C/W
NS package
65
PW package
88
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This value is limited to 6 V maximum.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74LVCC4245AOCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
IDT74LVCC4245CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE 3-STATE OUTPUTS 3.3V AND 5V I/O 1 2 3 4 5 MoreIntegrated Device Technology
HD74LVCC4245AOctal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs 1 2 3 4 5 MoreRenesas Technology Corp
SN74LVCC3245AOCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC24T24524-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC1T45SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVC8T2458BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVCH4T2454-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVCBH32424532-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74AVC4T2454-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn