Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCC4245APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCC4245APWR
Description  OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC4245APWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVCC4245APWR Datasheet HTML 1Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 2Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 3Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 4Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 5Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 6Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 7Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 8Page - Texas Instruments SN74LVCC4245APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVCC4245A
OCTAL DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS584M – NOVEMBER 1996 – REVISED MARCH 2005
VCCA
VCCB
MIN
NOM
MAX
UNIT
VCCA
Supply voltage
4.5
5
5.5
V
VCCB
Supply voltage
2.7
3.3
5.5
V
2.7 V
2
4.5 V
VIHA
High-level input voltage
3.6 V
2
V
5.5 V
5.5 V
2
2.7 V
2
4.5 V
VIHB
High-level input voltage
3.6 V
2
V
5.5 V
5.5 V
3.85
2.7 V
0.8
4.5 V
VILA
Low-level input voltage
3.6 V
0.8
V
5.5 V
5.5 V
0.8
2.7 V
0.8
4.5 V
VILB
Low-level input voltage
3.6 V
0.8
V
5.5 V
5.5 V
1.65
2.7 V
2
4.5 V
VIH
High-level input voltage (control pins) (referenced to VCCA)
3.6 V
2
V
5.5 V
5.5 V
2
2.7 V
0.8
4.5 V
VIL
Low-level input voltage (control pins) (referenced to VCCA)
3.6 V
0.8
V
5.5 V
5.5 V
0.8
VIA
Input voltage
0
VCCA
V
VIB
Input voltage
0
VCCB
V
VOA
Output voltage
0
VCCA
V
VOB
Output voltage
0
VCCB
V
IOHA
High-level output current
4.5 V
3 V
–24
mA
IOHB
High-level output current
4.5 V
2.7 V to 4.5 V
–24
mA
IOLA
Low-level output current
4.5 V
3 V
24
mA
IOLB
Low-level output current
4.5 V
2.7 V to 4.5 V
24
mA
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation. Refer to the TI
application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74LVCC4245APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245APWR TI-SN74LVCC4245APWR Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245APWRE4 TI-SN74LVCC4245APWRE4 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245APWRG4 TI-SN74LVCC4245APWRG4 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVCC4245APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCC4245A TI-SN74LVCC4245A Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A TI-SN74LVCC4245A_08 Datasheet
434Kb / 17P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SN74LVCC4245A-EP TI1-SN74LVCC4245A-EP_15 Datasheet
522Kb / 16P
[Old version datasheet]   OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCC4245A RENESAS-HD74LVCC4245A_15 Datasheet
117Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A Datasheet
111Kb / 11P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
HD74LVCC4245A RENESAS-HD74LVCC4245A_05 Datasheet
95Kb / 9P
   Octal Dual-supply Bus Transceiver with configurable output voltage with 3-state Outputs
logo
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC4245A PERICOM-PI74LVCC4245A Datasheet
501Kb / 11P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
logo
Integrated Device Techn...
IDT74LVCC4245 IDT-IDT74LVCC4245 Datasheet
94Kb / 10P
   CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O
logo
Texas Instruments
SN74LVC8T245 TI-SN74LVC8T245 Datasheet
236Kb / 16P
[Old version datasheet]   8BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com