Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD70F120 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DD70F120
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD70F120 Datasheet(HTML) 1 Page - SanRex Corporation

  DD70F120 Datasheet HTML 1Page - SanRex Corporation DD70F120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD70F/KD70F
DIODE MODULE
80
±0.2
M5X10
92
20
20
20
2- 6
Unit
:a
Symbol
Item
Ratings
DD70F40
400
480
DD70F80
800
960
DD70F120
DD70F160
1200
1300
1600
1700
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
Symbol
Item
Average Forward Current
Conditions
Ratings
Unit
A
IF(AV)
Single phase, half wave, 180
°conduction, Tc:94℃
70
IF (RMS)
R.M.S. Forward Current
Single phase, half wave, 180
°conduction, Tc:94℃
110
A
IFSM
Surge Forward Current
1
2 cycle, 50/60HZ, peak value, non-repetitive
1800/1950
A
I2t
I2t
Value for one cycle of surge current
16200
A2S
VISO
Isolation Breakdown Voltage
(R.M.S.) A.C.1minute
2500
V
Tj
Junction Temperature
−40 to +125
Tstg
Storage Temperature
Mounting
Torque
−40 to +125
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
2.7
(28)
2.7
(28)
N
・m
(㎏f・B)
g
170
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
at VDRM, single phase, half wave. Tj
=125℃
Ratings
15
1.40
0.33
Unit
mA
VFM
Forward Voltage Drop, max.
Forward current 220A
,Tj=25℃,Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
Power Diode Module DD70F series are designed for various rectifier circuits. DD70F
has two diode chips connected in series in 25mm (1inch) width package and the mounting
base is elctrically isolated from elements for simple heatsink construction. Wide voltage
rating up to, 1600V is avaiable for various input voltage.
Isolated mounting base
Two elements in a package for simple (single and three phase) bridge
connections
Highly reliable glass passivated chips
High surge current capability
(Applications)
Various rectifiers, Battery chargers, DC motor drives
UL;E76102
(M)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
DD
KD
SanRex
®


Similar Part No. - DD70F120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD700N22K INFINEON-DD700N22K Datasheet
344Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
More results

Similar Description - DD70F120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com