Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTA64 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTA64
Description  SURFACE MOUNT COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZTA14 NPN
CZTA64 PNP
SURFACE MOUNT
COMPLEMENTARY
SILICON DARLINGTON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA14, CZTA64
types are complementary silicon Darlington transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for
applications requiring extremely high gain.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=30V
100
nA
IEBO
VEB=10V
100
nA
BVCES
IC=100µA
30
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
20,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
SOT-223 CASE
SOT-223 CASE
R4 (2-March 2011)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXTA14SURFACE MOUNT SILICON COMPLEMENTARY DARLINGTON TRANSISTORS 1 2 Central Semiconductor Corp
CMPT5087EENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS 1 2 Central Semiconductor Corp
NTE2414Silicon Complementary Transistors Digital w/2 Built-In Bias 10k Resistors Surface Mount 1 2 NTE Electronics
CMPTA42EENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY HIGH VOLTAGE SILICON TRANSISTORS 1 2 Central Semiconductor Corp
CXT3906SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS 1 2 Central Semiconductor Corp
CMST3410SURFACE MOUNT SUPERmini COMPLEMENTARY SILICON LOW VCE SAT TRANSISTORS 1 2 Central Semiconductor Corp
NTE2418Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors Surface Mount 1 2 NTE Electronics
MMPQ6700SURFACE MOUNT COMPLEMENTARY SILICON QUAD TRANSISTORS 1 2 Central Semiconductor Corp
CMUT3410SURFACE MOUNT ULTRAmini COMPLEMENTARY LOW VCE SAT SILICON TRANSISTORS 1 2 Central Semiconductor Corp
CMUT5087EENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini COMPLEMENTARY SILICON TRANSISTORS 1 2 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl