Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXD2951GA-2 Datasheet(PDF) 22 Page - Sony Corporation

Part # CXD2951GA-2
Description  Single Chip GPS LSI
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2951GA-2 Datasheet(HTML) 22 Page - Sony Corporation

Back Button CXD2951GA-2 Datasheet HTML 18Page - Sony Corporation CXD2951GA-2 Datasheet HTML 19Page - Sony Corporation CXD2951GA-2 Datasheet HTML 20Page - Sony Corporation CXD2951GA-2 Datasheet HTML 21Page - Sony Corporation CXD2951GA-2 Datasheet HTML 22Page - Sony Corporation CXD2951GA-2 Datasheet HTML 23Page - Sony Corporation CXD2951GA-2 Datasheet HTML 24Page - Sony Corporation CXD2951GA-2 Datasheet HTML 25Page - Sony Corporation CXD2951GA-2 Datasheet HTML 26Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
– 22 –
CXD2951GA-2
Radio Supplement Materials (Example of Representative Characteristics)
Input/output characteristic
Filter characteristic represented by RF frequency as x-axis
(Normalized at 1.023MHz)
24
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–135 –130 –125 –120 –115 –110 –105 –100 –95 –90 –85
22
20
18
16
14
12
10
1.6
1.8
VDD [V]
Input level [dBm]
IDD
IIP3
10
5
0
–5
–10
–15
–20
–25
–30
–35
–40
–130
–120
–125
–115
–105
–110
–100 –95 –90 –85 –80 –75 –70
Input level [dBm]
2.0
–20
–25
–30
–35
–40
–45
–50
0
0.5
1.0
1.5
2.0
2.5
IF frequency [MHz]
Image rejection ratio
3.0
5
0
–10
–5
–25
–20
–15
–30
–35
–40
1.570 1.571 1.572 1.573 1.574 1.575 1.576 1.577 1.578 1.579 1.580 1.581
Frequency [GHz]
IF filter response (simulation)
–50
–55
–60
–65
–70
–75
–80
–85
–90
10
100
Offset frequency [kHz]
C/N
1000
VDD = 1.8V
Ta = 25˚C
VDD = 1.8V
Ta = 25˚C
VDD = 1.8V
Ta = 25˚C
VDD = 1.8V
Ta = 25˚C
VDD = 1.8V
Ta = 25˚C


Similar Part No. - CXD2951GA-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2951GA-4 SONY-CXD2951GA-4 Datasheet
328Kb / 16P
   Single Chip GPS LSI
More results

Similar Description - CXD2951GA-2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2951GA-4 SONY-CXD2951GA-4 Datasheet
328Kb / 16P
   Single Chip GPS LSI
CXD2951GL-4 SONY-CXD2951GL-4 Datasheet
352Kb / 28P
   Single Chip GPS LSI
CXD2931R SONY-CXD2931R Datasheet
220Kb / 23P
   1 chip GPS LSI
CXD2931R-9 SONY-CXD2931R-9 Datasheet
265Kb / 27P
   1 chip GPS LSI
CXD2956AGL-1 SONY-CXD2956AGL-1 Datasheet
214Kb / 18P
   GPS Baseband LSI
CXD2932AGA-2 SONY-CXD2932AGA-2 Datasheet
177Kb / 19P
   GPS Base Band LSI
logo
Toshiba Semiconductor
TC9409BF TOSHIBA-TC9409BF Datasheet
681Kb / 15P
   SINGLE CHIP KARAOKE LSI
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
TC9465F TOSHIBA-TC9465F Datasheet
598Kb / 16P
   SINGLE CHIP KARAOKE LSI
TC8832F TOSHIBA-TC8832F Datasheet
3Mb / 80P
   Single-Chip CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com