Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS61600 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CS61600
Description  PCM JITTER ATTENUATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS61600 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CS61600 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS61600 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PIN DESCRIPTIONS
Power Supplies
V+ - Positive Power Supply, PIN 14.
Typically +5V volts.
GND - Ground, PIN 7.
Ground reference.
Oscillator
XTALIN, XTALOUT - Crystal Input 1, 2; PINS 4, 5.
6.176 MHz or 8.192 MHz crystal inputs. A 200 kohm resistor should be connected across these
pins. There is no need for external capacitors. The crystal should be connected to XTALIN and
XTALOUT with minimal length traces on the pc board.
Control
RESET - Reset, PIN 1.
When RESET is taken low, the OVR signal is reset.
FIFORST - FIFO Reset, PIN 2.
Taking FIFORST low resets the read and write pointers of the FIFO. Resetting the pointers will
cause some data loss. When FIFORST is low, the OSCOUT output is disabled.
ARE - Alternate Read Enable, PIN 6.
For normal operation, ARE is held at logic 0. In this configuration the oscillator controls the
read pointer of the FIFO. When ARE is at logic 1, the read pointer of the FIFO will be
controlled by the clock signal on pin 12, ARC.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RESET
RESET
V+
POWER SUPPLY
FIFO RESET
FIFORST
DIN
DATA INPUT
BUFFER OVERFLOW/UNDERFLOW
OVR
ARC
ALTERNATE READ CLOCK
CRYSTAL OUTPUT
XTALIN
OSCOUT
OSCILLATOR OUTPUT
CRYSTAL INPUT
XTALOUT
CLKOUT
OUTPUT CLOCK
ALTERNATE READ ENABLE
ARE
DOUT
DATA OUTPUT
GROUND
GND
CLKIN
INPUT CLOCK
CS61600
8
DS9F3


Similar Part No. - CS61600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS61 VISHAY-CS61 Datasheet
94Kb / 2P
   Customer Special Ribwound Resistor (CS61)
CS61 VISHAY-CS61 Datasheet
80Kb / 2P
   Customer Special Ribwound Resistor (CS61), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RBEF, RBSF, RBEA, RBSA
01-Jan-2022
logo
List of Unclassifed Man...
CS610026 ETC-CS610026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS610060 ETC-CS610060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CS610075 ETC-CS610075 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS61600

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS874003D-02 RENESAS-ICS874003D-02 Datasheet
574Kb / 16P
   Jitter Attenuator
2019
logo
M/A-COM Technology Solu...
28326-BRF-001-A MA-COM-28326-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
28324-BRF-001-A MA-COM-28324-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
28320-BRF-001-A MA-COM-28320-BRF-001-A_15 Datasheet
109Kb / 2P
   Digital Jitter-Attenuator
logo
Pericom Semiconductor C...
PI6CX201ALE PERICOM-PI6CX201ALE Datasheet
627Kb / 5P
   25MHz Jitter Attenuator
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28324-BRF-001-A MA-COM-28324-BRF-001-A Datasheet
109Kb / 2P
   M28324 Digital Jitter-Attenuator
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com