Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4564 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4564
Description  16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4564 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4564 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4564 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ASAHI KASEI
[AK4564]
MS0140-E-01
2002/07
- 8 -
(Continue)
Parameter
min
typ
max
Units
DAC Analog Output characteristics: Measured via LOUT1/ROUT1, LOUT2/ROUT2, VOL=+6.5dB
Resolution
16
bits
S/(N+D) (0dBFS)
76
82
dB
DR (-60dBFS, A-Weighted)
82
88
dB
S/N (A-Weighted)
82
88
dB
Output Voltage (Note 19)
+1.2
+2
+2.8
dBV
Interchannel Isolation
80
100
dB
Interchannel Gain Mismatch
0.5
dB
Load Resistance
10
k
Load Capacitance (Note 13)
30
pF
Headphone-Amp Characteristics: DAC à HPL/HPR pin
Output Voltage (Note 20) HVDD = 3V
(Note 21) HVDD = 4.5V
-5.5
-1.1
-4.7
-0.3
-3.9
+0.5
dBV
dBV
S/(N+D) (Note 20) HVDD = 3V
(Note 21) HVDD = 4.5V
50
50
70
66
dB
dB
Output Noise Voltage (A-Weighted);
HPG=“0”, HVDD=3V, RL=32
HPG=“1”, HVDD=4.5V, RL=100
-92
-77
-86
-71
dBV
dBV
Interchannel Isolation; HPG=“0”, HVDD=3V, RL=32
HPG=“1”, HVDD=4.5V, RL=100
60
60
80
80
dB
dB
Interchannel Gain Mismatch; HPG=“0”, HVDD=3V, RL=32
HPG=“1”, HVDD=4.5V, RL=100
0.5
0.5
dB
dB
Load Resistance; HVDD=2.6
∼3.6V, HPG = “0”
HVDD=4.0
∼5.5V, HPG = “1”
22
100
Load Capacitance (C1 in Figure 2)
(C2 in Figure 2)
30
6.8
pF
nF
Speaker-Amp Characteristics: RL = 8
Ω, BTL, MIN à SP0/SP1, ALC2 = OFF
Output Voltage (-6.5dBV Input)
-4
-2
0
dBV
S/(N+D) (-2dBV Output)
30
60
dB
S/N (A-Weighted)
81
89
dB
Load Resistance
8
Load Capacitance
10
pF
Note 19. Output voltages are proportional to AVDD voltage.
LOUT1, ROUT1, LOUT2, ROUT2 = (1.27 x AVDD) Vpp @VOL = +6.5dB
Note 20. When DAC = 0dBFS Output, OATT = 0dB, HPG = “0”, RL = 32
Ω, the output voltage is (0.59 x AVDD) Vpp.
Note 21. When DAC = -12dBFS Output, OATT = 0dB, HPG = “1”, RL = 100
Ω, the output voltage is (0.98 x AVDD)
Vpp.
+
-
+
HP-Amp
16
16
0.1
µ
HPL, HPR
C1
C2
10
Oscillation prevention circuit
Figure 2. Headphone-Amp Output Circuit
* 0dBV = 1Vrms = 2.83Vpp


Similar Part No. - AKD4564

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4560A AKM-AKD4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AKD4561 AKM-AKD4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AKD4562 AKM-AKD4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AKD4562 AKM-AKD4562 Datasheet
396Kb / 30P
   EVALUATION BOARD REV.A FOR AK4562
AKD4563A AKM-AKD4563A Datasheet
359Kb / 39P
   Low Power 16bit 4ch ADC & 2ch DAC with ALC
More results

Similar Description - AKD4564

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4561 AKM-AK4561 Datasheet
314Kb / 48P
   16bit CODEC with built-in ALC and MIC/HP-Amp
AK4560A AKM-AK4560A Datasheet
320Kb / 47P
   16bit CODEC with ALC and MIC/HP/SPK-Amps
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
   16Bit CODEC with MIC/HP/SPK-AMP
AK4538 AKM-AK4538 Datasheet
462Kb / 70P
   16Bit DS CODEC with MIC/HP/SPK-AMP
AK4651 AKM-AK4651 Datasheet
588Kb / 66P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP
AK4650 AKM-AK4650 Datasheet
868Kb / 86P
   16Bit ?誇 CODEC with MIC/HP/SPK-AMP & TSC
AK4640 AKM-AK4640 Datasheet
634Kb / 76P
   16BIT CODEC WITH MIC /HP/SPK-AMPl
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com