Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP195VTI Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100EP195VTI
Description  3.3V/5V 2.5GHz PROGRAMMABLE DELAY CHIP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP195VTI Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY100EP195VTI Datasheet HTML 2Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 3Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 4Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 5Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 6Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 7Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 8Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 9Page - Micrel Semiconductor SY100EP195VTI Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
ECL Pro®
SY100EP195V
Micrel
M0643-121504
VCC = 5.0V, VEE = 0V; TA = –40°C to +85°C.
(8, 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Figures 2, 3, 6
3855
3980
4105
mV
VOL
Output LOW Voltage
Figures 2, 3, 6
3055
3180
3305
mV
VIH
Input HIGH Voltage
Figures 1, 4
PECL
3775
4120
mV
CMOS
2750
mV
TTL
2000
mV
VIL
Input LOW Voltage
Figures 1, 4
PECL
3055
3375
mV
CMOS
2250
mV
TTL
800
mV
VBB
Output Voltage Reference
3475
3575
3675
mV
VIHCMR
Input HIGH Voltage Common
Figure 5
2.0
5.0
V
Mode Range(10)
IIH
Input HIGH Current
150
µA
IIL
Input LOW Current
IN
0.5
µA
/IN
–150
µA
PECL DC ELECTRICAL CHARACTERISTICS (100kEP)
VCC = 0V, VEE = –5.5V to –3.0V; TA = –40°C to +85°C.
(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
Figures 2, 3
–1145
–1020
–895
mV
VOL
Output LOW Voltage
Figures 2, 3
–1945
–1820
–1695
mV
VIH
Input HIGH Voltage NECL
Figures 1, 4
–1225
–880
mV
VIL
Input LOW Voltage NECL
Figures 1, 4
–1945
–1625
mV
VBB
Output Voltage Reference
–1525
–1425
–1325
mV
VIHCMR
Input HIGH Voltage Common
Figure 5
VEE+2.0
0.0
V
Mode Range(11)
IIH
Input HIGH Current
150
µA
IIL
Input LOW Current
IN
0.5
µA
/IN
–150
µA
Notes:
8. Device is guaranteed to meet the DC specifications, shown in the table above, after thermal equilibrium has been established. The device is tested in
a socket such that transverse airflow of
≥500lfpm is maintained.
9. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0V to –0.5V.
10. VIHCMR maximum varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
11. VIHCMR minimum varies 1:1 with VEE. The VIHCMR range is referenced to the most positive side of the differential input signal.
NECL DC ELECTRICAL CHARACTERISTICS (100kEP)


Similar Part No. - SY100EP195VTI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195VTI MICREL-SY100EP195VTI Datasheet
709Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY
SY100EP195VTITR MICREL-SY100EP195VTITR Datasheet
709Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY
More results

Similar Description - SY100EP195VTI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP195V MICREL-SY100EP195V_06 Datasheet
709Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY
SY100EP196V_0607 MICREL-SY100EP196V_0607 Datasheet
640Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY100EP196V MICREL-SY100EP196V Datasheet
619Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC10E196 ONSEMI-MC10E196_06 Datasheet
158Kb / 12P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 9
MC10E195 ONSEMI-MC10E195_06 Datasheet
150Kb / 11P
   5V ECL Programmable Delay Chip
November, 2006 ??Rev. 10
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com