Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A4001 Datasheet(PDF) 3 Page - AIT Components Ltd.

Part No. A4001
Description  BATTERY MANAGEMENT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITCOMPONENTS [AIT Components Ltd.]
Direct Link  http://aitcomponents.com
Logo AITCOMPONENTS - AIT Components Ltd.

A4001 Datasheet(HTML) 3 Page - AIT Components Ltd.

  A4001 Datasheet HTML 1Page - AIT Components Ltd. A4001 Datasheet HTML 2Page - AIT Components Ltd. A4001 Datasheet HTML 3Page - AIT Components Ltd. A4001 Datasheet HTML 4Page - AIT Components Ltd. A4001 Datasheet HTML 5Page - AIT Components Ltd. A4001 Datasheet HTML 6Page - AIT Components Ltd. A4001 Datasheet HTML 7Page - AIT Components Ltd. A4001 Datasheet HTML 8Page - AIT Components Ltd. A4001 Datasheet HTML 9Page - AIT Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A4001
BATTERY MANAGEMENT
ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV1.0
- JUN 2014 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
GND=0V, Temperature=25
℃, unless otherwise specified
VCC, Input voltage between VCC and GND
GND-0.3V~GND+10V
VOC, OC output pin voltage
VCC-14V~VCC+0.3V
VOD, OD output pin voltage
GND-0.3V~VCC+0.3V
VCS, CS input pin voltage
VCC-14V~VCC+0.3V
TOP, Operating Temperature Range
-
40℃~+85℃
TST, Storage Temperature Range
-
40℃~+125℃
Stress beyond above listed Absolute Maximum Ratings may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
MODEL LIST
Param.
Overcharge
Detection
Voltage
Overcharge
Release
Voltage
Over
discharge
Detection
Over
discharge
Release
0V Battery
Charge
Function
Other Function
A4001
VOCP
VOCR
VODP
VODR
V0V
-
4.30V
4.10V
2.40V
3.00V
available
Auto overdischarge
recovery function
Model


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn