Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC7457RX733NB Datasheet(PDF) 6 Page - Motorola, Inc

Part # PPC7457RX733NB
Description  PPC7457RX1000NB
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PPC7457RX733NB Datasheet(HTML) 6 Page - Motorola, Inc

Back Button PPC7457RX733NB Datasheet HTML 2Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 3Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 4Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 5Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 6Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 7Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 8Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 9Page - Motorola, Inc PPC7457RX733NB Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
MPC7457 Part Number Specification for the MPC74x7RXnnnnNx Series
MOTOROLA
General Parameters
General Parameters
1.5.2.2
Processor Bus AC Specifications
Table 9 provides the processor bus AC timing specifications for the MPC7457 part numbers described
herein.
Table 9. Processor Bus AC Timing Specifications 1
At recommended operating conditions. See Table 4.
Parameter
Symbol 2
All Speed Grades
Unit
Notes
Min
Max
Input setup times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], GBL,
HIT, TT[0:3], QACK, TA, TBEN, TEA, TS,
EXT_QUAL, PMON_IN, SHD[0:1], BMODE[0:1],
BMODE[0:1], BVSEL, L3VSEL
tAVKH
tDVKH
tIVKH
tMVKH
2.0
2.0
2.0
2.0
ns
8
Input hold times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], GBL,
HIT, TT[0:3], QACK, TA, TBEN, TEA, TS,
EXT_QUAL, PMON_IN, SHD[0:1]
BMODE[0:1], BVSEL, L3VSEL
tAXKH
tDXKH
tIXKH
tMXKH
0
0
0
0
ns
8
Output valid times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BR, CI, CKSTP_IN, DRDY, DTI[0:3],
GBL, PMON_OUT, QREQ, TBST, TSIZ[0:2], TT[0:3],
TS, SHD[0:1], WT
tKHAV
tKHDV
tKHOV
2.0
2.0
2.0
ns
Output hold times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BR, CI, CKSTP_IN, DRDY, DTI[0:3],
GBL, PMON_OUT, QREQ, TBST, TSIZ[0:2], TT[0:3],
TS, SHD[0:1], WT
tKHAX
tKHDX
tKHOX
0.5
0.5
0.5
ns
SYSCLK to output enable
tKHOE
0.5
ns
SYSCLK to output high impedance (all except TS, ARTRY,
SHD0, SHD1)
tKHOZ
3.5
ns
SYSCLK to TS high impedance after precharge
tKHTSPZ
—1
tSYSCLK
3, 4, 5
Maximum delay to ARTRY/SHD0/SHD1 precharge
tKHARP
—1
tSYSCLK
3, 5,
6, 7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PPC7457RX733NB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC7447AHX1000NB FREESCALE-PPC7447AHX1000NB Datasheet
254Kb / 8P
   PowerPC microprocessor
PPC7447AHX1167NB FREESCALE-PPC7447AHX1167NB Datasheet
254Kb / 8P
   PowerPC microprocessor
PPC7448HX1000N FREESCALE-PPC7448HX1000N Datasheet
121Kb / 12P
   MPC7448 Hardware Specifications
logo
NXP Semiconductors
PPC7448HX1000NX NXP-PPC7448HX1000NX Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
logo
Freescale Semiconductor...
PPC7448HX1250N FREESCALE-PPC7448HX1250N Datasheet
121Kb / 12P
   MPC7448 Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com