Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL6319G Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HL6319G
Description  AlGaInP Laser Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HL6319G Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HL6319G Datasheet HTML 1Page - Hitachi Semiconductor HL6319G Datasheet HTML 2Page - Hitachi Semiconductor HL6319G Datasheet HTML 3Page - Hitachi Semiconductor HL6319G Datasheet HTML 4Page - Hitachi Semiconductor HL6319G Datasheet HTML 5Page - Hitachi Semiconductor HL6319G Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HL6319/20G
118
Absolute Maximum Ratings (T
C = 25°C)
Item
Symbol
Value
Unit
Optical output power
P
O
10
mW
LD reverse voltage
V
R(LD)
2
V
PD reverse voltage
V
R(PD)
30
V
Operating temperature
Topr
–10 to +50
°C
Storage temperature
Tstg
–40 to +85
°C
Optical and Electrical Characteristics (T
C = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Optical output power
P
O
10
mW
Kink free
Threshold current
Ith
20
50
75
mA
Operating current
I
OP
70
95
mA
P
O = 10 mW
Operating voltage
V
OP
2.7
V
P
O = 10 mW
Slope efficiency
ηs
0.3
0.5
0.7
mW/mA
6(mW)/(I(8mW)–I(2mW))
Lasing wavelength
λp
625
635
640
nm
P
O = 10 mW
Beam divergence
(parallel)
θ//
5
8
11
deg.
P
O = 10 mW
Beam divergence
(perpendicular)
θ⊥
25
31
37
deg.
P
O = 10 mW
Monitor current
Is
0.05
0.17
0.30
mA
P
O = 10 mW, VR(PD) = 5 V


Similar Part No. - HL6319G

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6319G OPNEXT-HL6319G Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
More results

Similar Description - HL6319G

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6319G OPNEXT-HL6319G Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
HL6556MG OPNEXT-HL6556MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
HL6312G OPNEXT-HL6312G Datasheet
93Kb / 4P
    AlGaInP Laser Diodes
HL6321G OPNEXT-HL6321G Datasheet
95Kb / 4P
   AlGaInP Laser Diodes
HL6325G OPNEXT-HL6325G Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
HL6316G OPNEXT-HL6316G Datasheet
93Kb / 4P
   AlGaInP Laser Diodes
HL6327MG OPNEXT-HL6327MG Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
HL6557MG OPNEXT-HL6557MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
logo
Hitachi Semiconductor
HL6312G HITACHI-HL6312G Datasheet
35Kb / 6P
   AlGaInP Laser Diodes
logo
Opnext. Inc.
HL6314MG OPNEXT-HL6314MG Datasheet
93Kb / 4P
   AlGaInP Laser Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com