Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST200F12-A Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NST200F12-A
Description  Ultrafast Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NST200F12-A Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NST200F12-A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NST200F12-A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NST200F12-A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NST200F12-A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd NST200F12-A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FRED
Ultrafast Soft Recovery Diode
FEATURES
Fast recovery time characteristic
Electrically isolated base plate
Simplified mechanical designs, rapid assembly
Compliant to RoHS
Designed and for industrial level
DESCRIPTION
Available
RoHS*
COMPLIANT
This SOT
-227 modules with FRED rectifier are available
in two basic configurations. They are the antiparallel
and the parallel configurations. The antiparallel configuration
NST200F12-A is used for simple series rectifier and high
voltage application. The parallel configuration NST200F12 is
used for simple parallel rectifier and high current application.
The semiconductor in the SOT-227 package is isolated from
the copper base plate, allowing for common heatsinks and
compact assemblies to be built. These modules are intended
for general applications such as power supplies, battery
chargers, electronic welders, motor control, DC chopper, and
NST200F12 / NST200F12-A RoHS
RoHS
Nell High Power Products
Large creepage distance between terminal
Parallel
Anti-Parallel
APPLICATIONS
Switching power supplies
Inverters
Converters
Snubber diodes
Uninterruptible power supplies (UPS)
Motor controllers
Induction heating
High speed rectifiers
PRODUCT SUMMARY
VR
V (typical) at 125 ºC
F
1200 V
1.7 V
5
5 ns
93A at 80 ºC
t (typical)
rr
I
at T per diode
F(DC)
C
ABSOLUTE MAXIMUM RATINGS
SYMBOL
V
93
A
186
1000
Maximum power dissipation
440
W
260
T = 25 ºC
J
T = 100 ºC
c
T = 25 ºC
c
PD
IFSM
IF
VR
Cathode to anode voltage
Maximum continuous forward current
Single pulse forward current
1200
UNITS
VALUES
Operating junction and storage temperature range
T , T
J
Stg
- 55 to 175
°
C
VISOL
RMS isolation voltage, any terminal to case
t = 1 minute
2500
V
TEST CONDITIONS
T = 80 ºC, Duty cycle = 0.5
c
per leg
per module
Page 1 of 5
www.nellsemi.com
NST200F12
NST200F12-A
inverters.
100A x 2 / 1200V
CIRCUIT CONFIGURATION
PARAMETER


Similar Part No. - NST200F12-A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NST200F12-A NELLSEMI-NST200F12-A Datasheet
310Kb / 5P
   Ultrafast Soft Recovery Diode, 100A 횞 2
More results

Similar Description - NST200F12-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com