Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NST200F12 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part No. NST200F12
Description  Ultrafast Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

NST200F12 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SYMBOL
TEST CONDITIONS
V
-
I = 200 A
F
-
-
µA
-
-
1200
1.70
1
0
0
.2
pF
120
ELECTRICAL SPECIFICATIONS
Cathode to anode
breakdown voltage
VBR
I = 100 µA
R
Maximum forward voltage
I = 100 A
F
I = 100 A, T = 125 ºC
F
J
Maximum reverse
leakage current
IRM
Junction capacitance
1
.90
2.20
-
-
SYMBOL
TEST CONDITIONS
ns
-
-
420
580
DYNAMIC RECOVERY CHARACTERISTICS PER LEG
Reverse recovery time
I = 1.0 A, dI /dt = -100 A/µs, V =30 V, T = 25°C
F
F
R
J
-
A
-
19
7
-
nC
-
5350
1250
-
Reverse recovery time
Reverse recovery time
trr
trr1
trr2
IRRM1
IRRM2
Qrr1
Qrr2
T
= 125 ºC
J
T
= 125 ºC
J
T
= 125 ºC
J
T
= 25 ºC
J
T
= 25 ºC
J
T
= 25 ºC
J
I = 100A
F
dI /dt = -200 A/µs
F
V =800 V
R
-
VFM
CJ
V = 200V
R
T = 125°C, V = V rated
J
R
R
V = V rated
R
R
1
05
120
-
-
-
-
-
-
-
-
2.30
-
UNITS
MAX.
TYP.
MIN.
UNITS
MAX.
TYP.
MIN.
MIN.
TYP.
MAX.
UNITS
-
-
0.20
0.05
THERMAL - MECHANICAL SPECIFICATIONS
Junction to case, single leg conducting
RthJC
0.40
-
-
-
30
-
Junction to case, both legs conducting
Case to sink, flat, greased surface
Weight
Mounting torque
RthCS
-
-
-
-
1.1
ºC/W
K/W
g
Nm
SYMBOL
5
5
I = 0.5A, I = 1.0A, I
= 250mA (RG#1 CKT)
F
R
RR
mA
Page 2 of 5
www.nellsemi.com
-
0
.5
NST200F12 / NST200F12-A RoHS
RoHS
Nell High Power Products
(T = 25 ºC unless otherwise specified)
J
(T = 25 ºC unless otherwise specified)
J
(T = 25 ºC unless otherwise specified)
J
PARAMETER
PARAMETER
PARAMETER


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn