Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NST200F12 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part No. NST200F12
Description  Ultrafast Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

NST200F12 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FRED
Ultrafast Soft Recovery Diode
FEATURES
Fast recovery time characteristic
Electrically isolated base plate
Simplified mechanical designs, rapid assembly
Compliant to RoHS
Designed and for industrial level
DESCRIPTION
Available
RoHS*
COMPLIANT
This SOT
-227 modules with FRED rectifier are available
in two basic configurations. They are the antiparallel
and the parallel configurations. The antiparallel configuration
NST200F12-A is used for simple series rectifier and high
voltage application. The parallel configuration NST200F12 is
used for simple parallel rectifier and high current application.
The semiconductor in the SOT-227 package is isolated from
the copper base plate, allowing for common heatsinks and
compact assemblies to be built. These modules are intended
for general applications such as power supplies, battery
chargers, electronic welders, motor control, DC chopper, and
NST200F12 / NST200F12-A RoHS
RoHS
Nell High Power Products
Large creepage distance between terminal
Parallel
Anti-Parallel
APPLICATIONS
Switching power supplies
Inverters
Converters
Snubber diodes
Uninterruptible power supplies (UPS)
Motor controllers
Induction heating
High speed rectifiers
PRODUCT SUMMARY
VR
V (typical) at 125 ºC
F
1200 V
1.7 V
5
5 ns
93A at 80 ºC
t (typical)
rr
I
at T per diode
F(DC)
C
ABSOLUTE MAXIMUM RATINGS
SYMBOL
V
93
A
186
1000
Maximum power dissipation
440
W
260
T = 25 ºC
J
T = 100 ºC
c
T = 25 ºC
c
PD
IFSM
IF
VR
Cathode to anode voltage
Maximum continuous forward current
Single pulse forward current
1200
UNITS
VALUES
Operating junction and storage temperature range
T , T
J
Stg
- 55 to 175
°
C
VISOL
RMS isolation voltage, any terminal to case
t = 1 minute
2500
V
TEST CONDITIONS
T = 80 ºC, Duty cycle = 0.5
c
per leg
per module
Page 1 of 5
www.nellsemi.com
NST200F12
NST200F12-A
inverters.
100A x 2 / 1200V
CIRCUIT CONFIGURATION
PARAMETER


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn