Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM336Z5X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # LM336Z5X
Description  Programmable Shunt Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM336Z5X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LM336Z5X Datasheet HTML 1Page - Fairchild Semiconductor LM336Z5X Datasheet HTML 2Page - Fairchild Semiconductor LM336Z5X Datasheet HTML 3Page - Fairchild Semiconductor LM336Z5X Datasheet HTML 4Page - Fairchild Semiconductor LM336Z5X Datasheet HTML 5Page - Fairchild Semiconductor LM336Z5X Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The
parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum rating.
Electrical Characteristics (0qC < T
A < +70qC, unless otherwise specified)
Parameter
Symbol
Value
Unit
Reverse Current
IR
15
mA
Forward Current
IF
10
mA
Operating Temperature Range
TOPR
0
a +70
qC
Storage Temperature Range
TSTG
 60 a +150
qC
Parameter
Symbol
Conditions
LM336Z5
LM336BZ5
Min
Typ
Max
Min
Typ
Max
Unit
Reverse Breakdown Voltage
VR
TA = +25qC, IR = 1mA
4.8
5.0
5.2
4.9
5.0
5.1
V
Reverse Breakdown Change with Current
'VR/'IR
TA = +25qC, 600PA d IR d 10mA
6.0
20.0
6.0
20.0
mV
Reverse Dynamic Impedance
ZD
TA = +25qC, IR = 1mA
0.6
2.0
0.6
2.0
:
Temperature Stability
STT
IR = 1mA
4.0
12.0
4.0
12.0
mV
Reverse Breakdown Change with Current
'VR/'IR
600
PA d IR d 10mA
6.0
24.0
6.0
24.0
mV
Reverse Dynamic Impedance
ZD
IR = 1mA
0.8
2.5
0.8
2.5
:
Long Term Stability In Reference Voltage
ST
IR = 1mA
20.0
20.0
ppm/Khr


Similar Part No. - LM336Z5X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM336Z5X ONSEMI-LM336Z5X Datasheet
335Kb / 9P
   Programmable Shunt Regulator
December 2012 Rev. 1.1.0
More results

Similar Description - LM336Z5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com