Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA70AG Datasheet(PDF) 3 Page - ON Semiconductor

Part # SA70AG
Description  500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA70AG Datasheet(HTML) 3 Page - ON Semiconductor

  SA70AG Datasheet HTML 1Page - ON Semiconductor SA70AG Datasheet HTML 2Page - ON Semiconductor SA70AG Datasheet HTML 3Page - ON Semiconductor SA70AG Datasheet HTML 4Page - ON Semiconductor SA70AG Datasheet HTML 5Page - ON Semiconductor SA70AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SA5.0A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 35 A)
Device*
Device
Marking
VRWM
(Note 3)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 5)
QVBR
VBR (Note 4) (Volts)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
A
mV/
°C
SA5.0A, G
SA5.0A
5
600
6.4
6.7
7
10
9.2
54.3
5
SA6.0A, G
SA6.0A
6
600
6.67
7.02
7.37
10
10.3
48.5
5
SA7.0A, G
SA7.0A
7
150
7.78
8.19
8.6
10
12
41.7
6
SA7.5A, G
SA7.5A
7.5
50
8.33
8.77
9.21
1
12.9
38.8
7
SA8.0A, G†
SA8.0A
8
25
8.89
9.36
9.83
1
13.6
36.7
7
SA8.5A, G
SA8.5A
8.5
5
9.44
9.92
10.4
1
14.4
34.7
8
SA9.0A, G
SA9.0A
9
1
10
10.55
11.1
1
15.4
32.5
9
SA10A, G
SA10A
10
1
11.1
11.7
12.3
1
17
29.4
10
SA11A, G
SA11A
11
1
12.2
12.85
13.5
1
18.2
27.4
11
SA12A, G
SA12A
12
1
13.3
14
14.7
1
19.9
25.1
12
SA13A, G
SA13A
13
1
14.4
15.15
15.9
1
21.5
23.2
13
SA14A, G
SA14A
14
1
15.6
16.4
17.2
1
23.2
21.5
14
SA15A, G
SA15A
15
1
16.7
17.6
18.5
1
24.4
20.6
16
SA16A, G
SA16A
16
1
17.8
18.75
19.7
1
26
19.2
17
SA17A, G
SA17A
17
1
18.9
19.9
20.9
1
27.6
18.1
19
SA18A, G
SA18A
18
1
20
21.05
22.1
1
29.2
17.2
20
SA20A, G
SA20A
20
1
22.2
23.35
24.5
1
32.4
15.4
23
SA22A, G
SA22A
22
1
24.4
25.65
26.9
1
35.5
14.1
25
SA24A, G
SA24A
24
1
26.7
28.1
29.5
1
38.9
12.8
28
SA26A, G
SA26A
26
1
28.9
30.4
31.9
1
42.1
11.9
30
SA28A, G
SA28A
28
1
31.1
32.75
34.4
1
45.4
11
31
SA30A, G
SA30A
30
1
33.3
35.05
36.8
1
48.4
10.3
36
SA33A, G
SA33A
33
1
36.7
38.65
40.6
1
53.3
9.4
39
SA36A, G
SA36A
36
1
40
42.1
44.2
1
58.1
8.6
41
SA40A, G
SA40A
40
1
44.4
46.55
49.1
1
64.5
7.8
46
SA43A, G
SA43A
43
1
47.8
50.3
52.8
1
69.4
7.2
50
SA45A, G
SA45A
45
1
50
52.65
55.3
1
72.7
6.9
52
SA48A, G
SA48A
48
1
53.3
56.1
58.9
1
77.4
6.5
56
SA51A, G
SA51A
51
1
56.7
59.7
62.7
1
82.4
6.1
61
SA58A, G
SA58A
58
1
64.4
67.8
71.2
1
93.6
5.3
70
SA60A, G
SA60A
60
1
66.7
70.2
73.7
1
96.8
5.2
71
SA64A, G
SA64A
64
1
71.1
74.85
78.6
1
103
4.9
76
SA64ALF, G
SA64A
64
1
71.1
74.85
78.6
1
103
4.9
76
SA70A, G
SA70A
70
1
77.8
81.9
86
1
113
4.4
85
SA78A, G
SA78A
78
1
86.7
91.25
95.8
1
126
4.0
95
SA90A, G
SA90A
90
1
100
105.5
111
1
146
3.4
110
SA100A, G
SA100A
100
1
111
117
123
1
162
3.1
123
SA110A, G
SA110A
110
1
122
128.5
135
1
177
2.8
133
SA120A, G
SA120A
120
1
133
140
147
1
193
2.5
146
SA130A, G†
SA130A
130
1
144
151.5
159
1
209
2.4
158
SA150A, G
SA150A
150
1
167
176
185
1
243
2.1
184
SA160A, G†
SA160A
160
1
178
187.5
197
1
259
1.9
196
SA170A, G
SA170A
170
1
189
199
209
1
275
1.8
208
NOTE:
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future
use and best overall value.
3. MiniMOSORB
t transients suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which
should be equal to or greater than the dc or continuous peak operating voltage level.
4. VBR measured at pulse test current IT at an ambient temperature of 25°C.
5. Surge current waveform per Figure 4 and derate per Figures 1 and 2.
6. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute
*The “G’’ suffix indicates Pb−Free package available.
†Not Available in the 5000/Tape & Reel.


Similar Part No. - SA70AG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA70A TSC-SA70A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA70A MOTOROLA-SA70A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Vishay Siliconix
SA70A VISHAY-SA70A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Littelfuse
SA70A LITTELFUSE-SA70A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
JIEJIE MICROELECTRONICS...
SA70A JIEJIE-SA70A Datasheet
216Kb / 5P
   Low zener impedance
More results

Similar Description - SA70AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA5-0A ONSEMI-SA5-0A Datasheet
50Kb / 8P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
June, 2002 ??Rev. 7
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com