Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-700-XXX Datasheet(PDF) 6 Page - Vectron International, Inc

Part # FX-700-XXX
Description  Low Jitter Frequency Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

FX-700-XXX Datasheet(HTML) 6 Page - Vectron International, Inc

  FX-700-XXX Datasheet HTML 1Page - Vectron International, Inc FX-700-XXX Datasheet HTML 2Page - Vectron International, Inc FX-700-XXX Datasheet HTML 3Page - Vectron International, Inc FX-700-XXX Datasheet HTML 4Page - Vectron International, Inc FX-700-XXX Datasheet HTML 5Page - Vectron International, Inc FX-700-XXX Datasheet HTML 6Page - Vectron International, Inc FX-700-XXX Datasheet HTML 7Page - Vectron International, Inc FX-700-XXX Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FX-700 Low Jitter Frequency Translator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
FX-700 Theory of Operation
The FX-700 includes an integrated phase
detector, current mode charge pump,
programmable frequency dividers and VCXO.
The FX-700 will translate an input frequency
such as 8 kHz, 1.544 MHz or 19.440 MHz to
a specific output frequency which is an integer
multiple (1-16384) of the input frequency and
less than or equal to 77.760 MHz. For clock
smoothing applications, the input frequency is
typically internally divided down by a factor of
64 (2N where N = 6) by the input frequency
divider and this frequency becomes an input
to the phase detector. The integrated
frequency dividers (factory programmed)
and crystal based VCXO allows for a large
range of possible frequency translations and
clock smoothing applications.
The FX-700’s PLL is a feedback system which
forces the output frequency to lock in both
phase and frequency to the input frequency.
While there will be some phase error, theory
states there is no frequency error. The loop
filter design will dictate many key parameters
such as jitter reduction, stability, lock range
and acquisition time. The external second
order passive loop filter is a complex imped-
ance in parallel with the input capacitance of
the VCXO. The loop filter converts the charge
pump output into the VCXO’s control voltage.
VI’s loop filter design methodology involves
the calculation of the open loop gain band-
width and corresponding phase margin to
determine the optimal component values that
ensure high loop stability and acceptable lock
in time. As a rule of thumb, the VCXO gain is
typically 100 ppm/volt and the charge pump
current is typically 32 uA.
VI’s Applications Engineering staff can provide
the external loop filter component values
required to meet specific system requirements
and application
8983_VECTRON
06/17/02
12:13 PM
Page 6


Similar Part No. - FX-700-XXX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-700 VECTRON-FX-700 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
More results

Similar Description - FX-700-XXX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com