Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1421462 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1421462
Description  Housing - HC-EVO-B24-SHFDC-2SSM25-PLRBK
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1421462 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1421462
02/11/2019   Page 1 / 3
Housing - HC-EVO-B24-SHFDC-2SSM25-PLRBK - 1421462
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Box mounting bases B24, for double locking latch, material: PA, protective cover material: PA, cable outlets:
2, lateral, height: 84 mm, cable gland: none, support sleeve: no, 2x M25, protective cover: yes, Standard,
including 2x reducing adapter
Your advantages
 Lower costs than metal version
 Low weight
 Lower risk of condensation
 Both contact insert PE sheets are connected by means of a metal frame integrated in the sleeve housing
 Metal inlays ensure leading PE contact with angled plugs
 Completely corrosion-resistant
 Halogen-free plastic
 Marking label can be attached
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626265056
Technical data
Dimensions
Height
84 mm
Width
57 mm
Length
144 mm
Ambient conditions
Degree of protection (IP)
IP66 (when plugged in)
IP54 (with closed protective cover)
Degree of protection (NEMA)
12 (UL 50e)
Ambient temperature (operation)
-40 °C ... 125 °C


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn