Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2292SXL-XXXT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2292SXL-XXXT
Description  Three-PLL General-Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2292SXL-XXXT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2292SXL-XXXT Datasheet HTML 1Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 2Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 3Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 4Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 5Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY2292SXL-XXXT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Three-PLL General-Purpose
EPROM Programmable Clock Generator
CY2292
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07449 Rev. *B
Revised October 12, 2004
Features
• Three integrated phase-locked loops
• EPROM programmability
• Factory-programmable (CY2292) or field-program-
mable (CY2292F) device options
• Low-skew, low-jitter, high-accuracy outputs
• Power-management options (Shutdown, OE, Suspend)
• Frequency select option
• Smooth slewing on CPUCLK
• Configurable 3.3V or 5V operation
• 16-pin SOIC Package (TSSOP: F only)
Benefits
• Generates up to three custom frequencies from
external sources
• Easy customization and fast turnaround
• Programming support available for all opportunities
• Meets critical industry standard timing requirements
• Supports low-power applications
• Eight user-selectable frequencies on CPU PLL
• Allows downstream PLLs to stay locked on CPUCLK
output
• Enables application compatibility
• Industry-standard packaging saves on board space
Selector Guide
Part Number Outputs
Input Frequency Range
Output Frequency Range
Specifics
CY2292
6
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–100 MHz (5V)
76.923 kHz–80 MHz (3.3V)
Factory Programmable
Commercial Temperature
CY2292I
6
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–90 MHz (5V)
76.923 kHz–66.6 MHz (3.3V)
Factory Programmable
Industrial Temperature
CY2292F
6
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–90 MHz (5V)
76.923 kHz–66.6 MHz (3.3V)
Field Programmable
Commercial Temperature
CY2292FI
6
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–80 MHz (5V)
76.923 kHz–60.0 MHz (3.3V)
Field Programmable
Industrial Temperature
CY2292FZ
6
10 MHz–25 MHz (external crystal)
1 MHz–30 MHz (reference clock)
76.923 kHz–90 MHz (5V)
76.923 kHz–66.6 MHz (3.3V)
Field Programmable
Commercial Temperature
Logic Block Diagram
XTALIN
XTALOUT
S2/SUSPEND
S1
S0
SHUTDOWN/
CONFIG
EPROM
OSC.
XBUF
CPLL
SPLL
UPLL
.
CPUCLK
CLKA
CLKB
CLKC
CLKD
OE
/1,2,4
/1,2,3,4,5,6
/8,10,12,13
/20,24,26,40
/48,52,96,104
/1,2,4,8
(8 BIT)
(8 BIT)
(10 BIT)


Similar Part No. - CY2292SXL-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292SXL-XXXT CYPRESS-CY2292SXL-XXXT Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2292SXL-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com