Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1711CMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1711CMS8
Description  Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1711CMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1711CMS8 Datasheet HTML 3Page - Linear Technology LT1711CMS8 Datasheet HTML 4Page - Linear Technology LT1711CMS8 Datasheet HTML 5Page - Linear Technology LT1711CMS8 Datasheet HTML 6Page - Linear Technology LT1711CMS8 Datasheet HTML 7Page - Linear Technology LT1711CMS8 Datasheet HTML 8Page - Linear Technology LT1711CMS8 Datasheet HTML 9Page - Linear Technology LT1711CMS8 Datasheet HTML 10Page - Linear Technology LT1711CMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1711/LT1712
PI FU CTIO S
LT1712
– IN A (Pin 1): Inverting Input of A Channel Comparator.
+ IN A (Pin 2): Noninverting Input of A Channel
Comparator.
V (Pins 3, 6): Negative Supply Voltage, Usually – 5V. Pins
3 and 6 should be connected together externally.
V + (Pins 4, 5): Positive Supply Voltage, Usually 5V. Pins
4 and 5 should be connected together externally.
+ IN B (Pin 7): Noninverting Input of B Channel
Comparator.
– IN B (Pin 8): Inverting Input of B Channel Comparator.
LATCH ENABLE B (Pin 9): Latch Enable Input of B Channel
Comparator. With a logic high, the B output is latched.
GND (Pin 10): Ground Supply Voltage of B Channel
Comparator, Usually 0V.
Q B (Pin 11): Noninverting Output of B Channel
Comparator.
Q B (Pin 12): Inverting Output of B Channel
Comparator.
Q A (Pin 13): Inverting Output of A Channel
Comparator.
Q A (Pin 14): Noninverting Output of A Channel
Comparator.
GND (Pin 15): Ground Supply Voltage of A Channel
Comparator, Usually 0V
LATCH ENABLE A (Pin 16): Latch Enable Input of A
Channel Comparator. With a logic high, the A output is
latched.
APPLICATIO S I FOR ATIO
Common Mode Considerations
The LT1711/LT1712 are specified for a common mode
range of – 5.1V to 5.1V on a
±5V supply, or a common
mode range of – 0.1V to 5.1V on a single 5V supply. A more
general consideration is that the common mode range is
from 100mV below the negative supply to 100mV above
the positive supply, independent of the actual supply
voltage. The criteria for common mode limit is that the
output still responds correctly to a small differential input
signal.
When either input signal falls outside the common mode
limit, the internal PN diode formed with the substrate can
turn on resulting in significant current flow through the
die. Schottky clamp diodes between the inputs and the
supply rails speed up recovery from excessive overdrive
conditions by preventing these substrate diodes from
turning on.
Input Bias Current
Input bias current is measured with the outputs held at
2.5V with a 5V supply voltage. As with any rail-to-rail
differential input stage, the LT1711/LT1712 bias current
flows into or out of the device depending upon the com-
mon mode level. The input circuit consists of an NPN pair
and a PNP pair. For inputs near the negative rail, the NPN
pair is inactive, and the input bias current flows out of the
device; for inputs near the positive rail, the PNP pair is
inactive, and these currents flow into the device. For inputs
far enough away from the supply rails, the input bias
current will be some combination of the NPN and PNP bias
currents. As the differential input voltage increases, the
input current of each pair will increase for one of the inputs
and decrease for the other input. Large differential input
voltages result in different input currents as the input
stage enters various regions of operation. To reduce the
influence of these changing input currents on system
operation, use a low source resistance.
Latch Pin Dynamics
The internal latches of the LT1711/LT1712 comparators
retain the input data (output latched) when their respec-
tive latch pin goes high. The latch pin will float to a low
state when disconnected, but it is better to ground the


Similar Part No. - LT1711CMS8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1711 ETC1-LT1711 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
More results

Similar Description - LT1711CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com