Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH610A Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SFH610A
Description  Optocoupler, Phototransistor Output, High Reliability,
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH610A Datasheet HTML 1Page - Vishay Siliconix SFH610A Datasheet HTML 2Page - Vishay Siliconix SFH610A Datasheet HTML 3Page - Vishay Siliconix SFH610A Datasheet HTML 4Page - Vishay Siliconix SFH610A Datasheet HTML 5Page - Vishay Siliconix SFH610A Datasheet HTML 6Page - Vishay Siliconix SFH610A Datasheet HTML 7Page - Vishay Siliconix SFH610A Datasheet HTML 8Page - Vishay Siliconix SFH610A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 28-Mar-18
3
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 10 mA, VCE = 5.0 V
SFH610A-1
CTR
40
-
80
%
SFH6106-1
CTR
40
-
80
%
SFH610A-2
CTR
63
-
125
%
SFH6106-2
CTR
63
-
125
%
SFH610A-3
CTR
100
-
200
%
SFH6106-3
CTR
100
-
200
%
SFH610A-4
CTR
160
-
320
%
SFH6106-4
CTR
160
-
320
%
SFH610A-5
CTR
250
-
500
%
SFH6106-5
CTR
250
-
500
%
IF = 1 mA, VCE = 5 V
SFH610A-1
CTR
13
30
-
%
SFH6106-1
CTR
13
30
-
%
SFH610A-2
CTR
22
45
-
%
SFH6106-2
CTR
22
45
-
%
SFH610A-3
CTR
34
70
-
%
SFH6106-3
CTR
34
70
-
%
SFH610A-4
CTR
56
90
-
%
SFH6106-4
CTR
56
90
-
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current
VCC = 5 V, RL = 75 Ω
IF
-
10
-
mA
Rise time
VCC = 5 V, RL = 75 Ω
tr
-
2
-
μs
Fall time
VCC = 5 V, RL = 75 Ω
tf
-
2
-
μs
Turn-on time
VCC = 5 V, RL = 75 Ω
ton
-
3
-
μs
Turn-off time
VCC = 5 V, RL = 75 Ω
toff
-
2.3
-
μs
Cut-off frequency
VCC = 5 V
FCO
-
250
-
kHz
SATURATED
Current
SFH610A-1
IF
-20-
mA
SFH6106-1
SFH610A-2
IF
-10-
mA
SFH6106-2
SFH610A-3
IF
-10-
mA
SFH6106-3
SFH610A-4
IF
-5-
mA
SFH6106-4
SATURATED
Rise time
SFH610A-1
tr
-2-
μs
SFH6106-1
SFH610A-2
tr
-3-
μs
SFH6106-2
SFH610A-3
tr
-3-
μs
SFH6106-3
SFH610A-4
tr
-4-
μs
SFH6106-4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn