Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH610A Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. SFH610A
Description  Optocoupler, Phototransistor Output, High Reliability,
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH610A Datasheet HTML 1Page - Vishay Siliconix SFH610A Datasheet HTML 2Page - Vishay Siliconix SFH610A Datasheet HTML 3Page - Vishay Siliconix SFH610A Datasheet HTML 4Page - Vishay Siliconix SFH610A Datasheet HTML 5Page - Vishay Siliconix SFH610A Datasheet HTML 6Page - Vishay Siliconix SFH610A Datasheet HTML 7Page - Vishay Siliconix SFH610A Datasheet HTML 8Page - Vishay Siliconix SFH610A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 28-Mar-18
7
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in inches (millimeters)
0.74
2.41
1.22
0.25 typ.
2.79
Pin 1 identification
i178027-1
6.48
6.81
4.55
4.83
0.76
1.14
typ .
2.67
3.30
3.81
0.51
0.89
10 °
0° to 15°
1.32
0.84
3.30
6.35
5.84)
ISOMethod A
7.62 typ.
i17802 9-2
0.255 (6.48)
0.268 (6.81)
0.179 (4.55)
0.190 (4.83)
0.030 (0.76)
0.045 (1.14)
4° typ.
0.052 (1.32)
10 °
Lead coplanarity
0.004 (0.102) max. (’K’)
SMD
ISO method A
0.100 (2.54)
R 0.010 (0.25)
0.070 (1.78)
0.030 (0.76)
0.315 (8.00) mi n.
0.060 (1.52)
0.435 (11.05)
0.048 (1.22)
0.105 (2.67)
0.095 (2.41)
0.033 (0.84)
0.029 (0.74)
0.150 (3.81)
0.130 (3.30)
0.098 (0.249)
0.040 (0.102)
0.010 (0.25)
0.008 (0.20)
0.296 (7.52)
0.395 (10.03)
0.375 (9.53)
PIN 1 IDENTIFICATION
0.312 (7.92)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn