Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH610A Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SFH610A
Description  Optocoupler, Phototransistor Output, High Reliability,
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH610A Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH610A Datasheet HTML 1Page - Vishay Siliconix SFH610A Datasheet HTML 2Page - Vishay Siliconix SFH610A Datasheet HTML 3Page - Vishay Siliconix SFH610A Datasheet HTML 4Page - Vishay Siliconix SFH610A Datasheet HTML 5Page - Vishay Siliconix SFH610A Datasheet HTML 6Page - Vishay Siliconix SFH610A Datasheet HTML 7Page - Vishay Siliconix SFH610A Datasheet HTML 8Page - Vishay Siliconix SFH610A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SFH610A, SFH6106
www.vishay.com
Vishay Semiconductors
Rev. 2.5, 28-Mar-18
4
Document Number: 83666
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• All values presented are typical values.
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
Fall time
SFH610A-1
tf
-11-
μs
SFH6106-1
SFH610A-2
tf
-14-
μs
SFH6106-2
SFH610A-3
tf
-14-
μs
SFH6106-3
SFH610A-4
tf
-15-
μs
SFH6106-4
Turn-on time
SFH610A-1
ton
-3-
μs
SFH6106-1
SFH610A-2
ton
-4.2
-
μs
SFH6106-2
SFH610A-3
ton
-4.2
-
μs
SFH6106-3
SFH610A-4
ton
-6-
μs
SFH6106-4
Turn-off time
SFH610A-1
toff
-18-
μs
SFH6106-1
SFH610A-2
toff
-23-
μs
SFH6106-2
SFH610A-3
toff
-23-
μs
SFH6106-3
SFH610A-4
toff
-25-
μs
SFH6106-4
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55 / 100 / 21
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
4420
VRMS
Tested withstanding isolation voltage
According to UL1577, t = 1 s
VISO
5300
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
10 000
V
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
890
V
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Output safety power
PSO
400
mW
Input safety current
ISI
275
mA
Input safety temperature
TSI
175
°C
Creepage distance
DIP-4 / SMD-4
≥ 7mm
Clearance distance
≥ 7mm
Creepage distance
DIP-4, 400 mil / SMD-4, 400 mil
≥ 8mm
Clearance distance
≥ 8mm
Insulation thickness
DTI
≥ 0.4
mm
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn