Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83816AVNG Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83816AVNG
Description  DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II)
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83816AVNG Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83816AVNG Datasheet HTML 2Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 3Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 4Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 5Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 6Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 7Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 8Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 9Page - National Semiconductor (TI) DP83816AVNG Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
6
www.national.com
2.0 Pin Description (Continued)
SERRN
98
I/O
System Error: This signal is asserted low by DP83816 during address parity errors
and system errors if enabled.
STOPN
96
I/O
Stop: This signal is asserted low by the target device to request the master device
to stop the current transaction.
TRDYN
93
I/O
Target Ready: As a master, this signal indicates that the target is ready for the data
during write operation and with the data during read operation. As a target, this
signal will be asserted low when the (target) device is ready to complete the current
data phase transaction. This signal is used in conjunction with the IRDYN signal.
Data transaction takes place at the rising edge of PCICLK when both IRDYN and
TRDYN are asserted low.
PMEN/
CLKRUNN
59
I/O
Power Management Event/Clock Run Function: This pin is a dual function pin.
The function of this pin is determined by the CLKRUN_EN bit 0 of the CLKRUN
Control and Status register (CCSR). Default operation of this pin is PMEN.
Power Management Event: This signal is asserted low by the DP83816 to indicate
that a power management event has occurred. For pin connection please refer to
Section 6.7.
Clock Run Function: In this mode, this pin is used to indicate when the PCICLK
will be stopped.
3VAUX
122
I
PCI Auxiliary Voltage Sense: This pin is used to sense the presence of a 3.3V
auxiliary supply in order to define the PME Support available. For pin connection
please refer to Section 6.7.
This pin has an internal weak pull down.
PWRGOOD
123
I
PCI bus power good: Connected to PCI bus 3.3V power, this pin is used to sense
the presence of PCI bus power during the D3 power management state.
This pin has an internal weak pull down.
PCI Bus Interface
Symbol
LQFP Pin
No(s)
Dir
Description


Similar Part No. - DP83816AVNG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83816AVNG NSC-DP83816AVNG Datasheet
814Kb / 106P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816AVNG-EX/NOPB TI1-DP83816AVNG-EX/NOPB Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
DP83816AVNG/63SN TI1-DP83816AVNG/63SN Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
More results

Similar Description - DP83816AVNG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
logo
National Semiconductor ...
DP83816 NSC-DP83816 Datasheet
814Kb / 106P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPHYTER-II )
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816EX TI1-DP83816EX Datasheet
843Kb / 108P
[Old version datasheet]   DP83816EX 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)Extended Temperature Range 0 to 85 Degrees C
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
DP83840AVCE TI1-DP83840AVCE Datasheet
682Kb / 91P
[Old version datasheet]   10/100 Mb/s Ethernet Physical Layer
logo
National Semiconductor ...
DP83840A NSC-DP83840A Datasheet
434Kb / 89P
   10/100 Mb/s Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com