Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N206-FP01-IND Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. N206-FP01-IND
Description  Bulkhead Wall Plate, 1 Cutout, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPPLITE [Tripp Lite. All Rights Reserved]
Homepage  http://www.tripplite.com/
Logo 

N206-FP01-IND Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulkhead Wall Plate, 1 Cutout, Industrial, Metal -
Stainless Steel, IP44, Single Gang, TAA
MODEL NUMBER: N206-FP01-IND
Bulkhead wall plate combines with a coupler and industrial Cat5e/6, USB 3.0 or 4K HDMI cable to
complete an IP44 connection.
Features
Bulkhead Wall Plate Recommended for Outdoor or Harsh Indoor Environments
This single-gang industrial bulkhead face plate is ideal for connecting Cat5e/6 networks, USB 3.0 or 4K
HDMI installations in outdoor applications and other areas where protection from harsh elements is
essential. The stainless steel frame and rubber back gasket contribute to the wall plate’s IP44 rating,
which ensures protection from splashing water from all directions. Wall-mounting hardware is included.
Designed for Use with Tripp Lite Industrial-Grade Cables and Couplers
The Bulkhead wall plate with one cutout is recommended for use with Tripp Lite’s N206-Series industrial
Cat5e/6 patch cables and N206-BC01-IND bulkhead coupler or N206-KJ01-IND keystone jack, the U325-
Series industrial USB 3.0 cables and U325-000-IND bulkhead coupler and the P569-000-FF-IND
bulkhead coupler and P569-Series industrial 4K HDMI cables (all sold separately).
TAA-Compliant for GSA Schedule Purchases
The N206-FP01-IND is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible
for GSA (General Services Administration) Schedule and other federal procurement contracts.
Lifetime Warranty
The N206-FP01-IND is backed by a lifetime warranty, ensuring reliability and performance.
Highlights
Built to protect Gigabit Ethernet
and digital signage applications
in harsh environments
q
IP44-rated to prevent splashing
water from damaging cables
and other equipment
q
Designed for Tripp Lite industrial
cables and couplers—no
guessing about compatibility
q
Wall-mounting hardware
included for immediate
installation
q
Complies with Federal Trade
Agreements Act standards for
GSA Schedule purchases
q
Applications
Connect Gigabit Ethernet
networks, security cameras or
digital signage in factories,
warehouses, recycling plants,
machine shops and other
industrial environments
q
Provide Cat6, USB 3.0 or 4K
HDMI connectivity in outdoor
environments susceptible to
rain, such as a stadium or
outdoor arena
q
Set up outdoor digital signage at
malls, theaters and bus stops
q
Package Includes
N206-FP01-IND Bulkhead Wall
Plate, 1 Cutout, Industrial, Metal
q
(2) Wall-mounting screws
q
(2) Washers
q
Quick Start Guide
q
1 / 2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn