![]() |
Electronic Components Datasheet Search |
|
N080-106 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
N080-106 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 2 page ![]() 6-Port Single-Gang Universal Keystone Wallplate, White, TAA MODEL NUMBER: N080-106 Clean, simple wall-mount faceplate for terminating in-wall audio/video, voice and Ethernet cable lines. Works with any type of keystone jack, including those used in Cat5e/6/6a, USB, HDMI, DisplayPort and RCA applications. Description The N080-106 6-Port Single-Gang Universal Keystone Wallplate provides a clean and simple method for connecting audio/video, voice and Ethernet cable lines at the wall. Any type of keystone jack, such as those used in Cat5e/6/6a, USB, HDMI, DisplayPort and RCA applications, snaps easily into the cutouts for quick cable connection. White color blends elegantly into any home or office décor for a sleek, professional installation. Made from high-impact polycarbonate. Fits any mid-sized or standard single- gang box. Includes two mounting screws for easy installation. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases. Features Connects Audio/Video, Voice and Ethernet Cable Lines at the Wall Works with any type of keystone jack, including those used in Cat5e/6/6a, USB, HDMI, DisplayPort and RCA applications q Mounting hardware included q Durable Construction Made from high-impact polycarbonate q White color blends into any home or office décor q Fits any mid-sized or standard single-gang box q TAA Compliant Complies with Federal Trade Agreements Act (TAA) for GSA Schedule purchases q Highlights Compatible with any type of keystone jack q White color blends into any home or office décor q High-impact polycarbonate construction q Fits any mid-sized or standard single-gang box q Includes mounting screws q Package Includes N080-106 6-Port Single-Gang Universal Keystone Wallplate, White q Mounting hardware q 1 / 2 |
|