Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM56V16160F Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM56V16160F
Description  2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM56V16160F Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/30
Semiconductor
MSM56V16160F
2-Bank
´´´´ 524,288 Word ´´´´ 16 Bit SYNCHRONOUS DYNAMIC RAM
DESCRIPTION
The MSM56V16160F is a 2-Bank
´ 524,288-word ´ 16 bit Synchronous dynamic RAM, fabricated in OKI’s
CMOS silicon-gate process technology. The device operates at 3.3V. The inputs and outputs are LVTTL
compatible.
FEATURES
·
Silicon gate , quadruple polysilicon CMOS , 1-transistor memory cell
·
2-bank
´ 524,288-word ´ 16bit configuration
·
3.3V power supply ± 0.3V tolerance
·
Input
: LVTTL compatible
·
Output
: LVTTL compatible
·
Refresh
: 4096 cycles/64 ms
·
Programmable data transfer mode
- CAS Latency (1,2,3)
- Burst Length (1,2,4,8,Full page)
- Data scramble (sequential , interleave)
·
CBR auto-refresh, Self-refresh capability
·
Package:
50-pin 400mil plastic TSOP (Type II)
(TSOPII50-P-400-0.80-K)
(Product : MSM56V16160F-xxTS-K)
xx : indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Family
Max.
Frequency
tAC2
tAC3
MSM56V16160F-8
125MHz
9ns
6ns
MSM56V16160F-10
100MHz
9ns
9ns
This version : Sep.1999


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn