Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM56V16160F Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM56V16160F
Description  2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM56V16160F Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM56V16160F Datasheet HTML 2Page - OKI electronic componets MSM56V16160F Datasheet HTML 3Page - OKI electronic componets MSM56V16160F Datasheet HTML 4Page - OKI electronic componets MSM56V16160F Datasheet HTML 5Page - OKI electronic componets MSM56V16160F Datasheet HTML 6Page - OKI electronic componets MSM56V16160F Datasheet HTML 7Page - OKI electronic componets MSM56V16160F Datasheet HTML 8Page - OKI electronic componets MSM56V16160F Datasheet HTML 9Page - OKI electronic componets MSM56V16160F Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
MSM56V16160F
6/30
DC Characteristics
MSM56V16160
Condition
F-8
F-10
Parameter
Symbol
Bank
CKE
Others
Min
Max
Min
Max
Unit Note
Output High
Voltage
VOH
¾¾
IOH = -2.0mA
2.4
¾
2.4
¾
V
Output Low
Voltage
VOL
¾¾
IOL = 2.0mA
¾
0.4
¾
0.4
V
Input Leakage
Current
ILI
¾¾
¾
-10
10
-10
10
µA
Input Leakage
Current
ILO
¾¾
¾
-10
10
-10
10
µA
ICC1
One Bank
Active
CKE
³VIH
tCC=min.
tRC=min.
No Burst
¾
80
¾
70
mA
1,2
Average power
supply current
(Operating)
ICC1D
Both Banks
Active
CKE
³VIH
tCC=min.
tRC=min.
tRRD=min.
No Burst
¾
115
¾
95
mA
1,2
Power supply
current (Standby)
ICC2
Both Banks
Precharge
CKE
³VIH tCC=min.
¾
35
¾
30
mA
3
Average power
supply current
(Clock Suspension)
ICC3S
Both Banks
Active
CKE
£VIL tCC=min.
¾
3
¾
3mA
2
Average power
supply current
(Active Standby )
ICC3
One Bank
Active
CKE
³VIH tCC=min.
¾
40
¾
35
mA
3
Power supply
current (Burst)
ICC4
Both Banks
Active
CKE
³VIH tCC=min.
¾
125
¾
100
mA
1,2
Power supply
current
(Auto-Refresh)
ICC5
One Bank
Active
CKE
³VIH
tCC=min.
tRC=min.
¾
80
¾
70
mA
2
Average power
supply current
(Self-Refresh)
ICC6
Both Banks
Precharge
CKE
£VIL tCC=min.
¾
2
¾
2mA
Average power
supply current
(Power Down)
ICC7
Both Banks
Precharge
CKE
£VIL tCC=min.
¾
2
¾
2mA
Notes: 1.
Measured with outputs open.
2.
The address and data can be changed once or left unchanged during one cycle.
3.
The address and data can be changed once or left unchanged during two cycles.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn