Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM56V16160F Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM56V16160F
Description  2-Bank x 524,288 Word x 16 Bit SYNCHRONOUS DYNAMIC RAM
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM56V16160F Datasheet(HTML) 2 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
MSM56V16160F
2/30
PIN CONFIGRATION (TOP VIEW)
Pin Name
Function
Pin Name
Function
CLK
System Clock
UDQM, LDQM
Data Input/Output Mask
CS
Chip Select
DQi
Data Input/Output
CKE
Clock Enable
VCC
Power Supply (3.3V)
A0–A10
Address
VSS
Ground (0V)
A11
Bank Select Address
VCCQ
Data Output Power Supply (3.3V)
RAS
Row Address Strobe
VSSQ
Data Output Ground (0V)
CAS
Column Address Strobe
NC
No Connection
WE
Write Enable
Note:
The same power supply voltage must be provided to every VCC pin and VCCQ pin.
The same GND voltage level must be provided to every VSS pin and VSSQ pin.
50-Pin Plastic TSOP (
II)
(K Type)
24
19
20
21
22
23
14
15
16
17
18
7
44
37
36
35
34
33
32
31
30
29
28
27
A11
A10
VSSQ
VCCQVCCQ
VSS
NC
UDQM
NC
A8
A7
A6
WE
CAS
RAS
CS
A0
A1
A2
LDQM
A5
A4
CLK
CKE
1
2
3
4
5
6
8
9
10
11
12
13
50
49
48
47
46
45
43
42
41
40
39
38
DQ1
DQ2
VCC
VCCQ
VSS
VCCQ
DQ13
DQ12
DQ11
VSSQ
DQ6
VSSQ
DQ7
DQ8
DQ3
DQ4
DQ5
DQ10
DQ9
DQ14
DQ16
DQ15
VSSQ
A3
A9
26
25
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn