Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTB123YK Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PDTB123YK
Description  PNP 500 mA, 50 V resistor-equipped transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTB123YK Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PDTB123YK Datasheet HTML 2Page - NXP Semiconductors PDTB123YK Datasheet HTML 3Page - NXP Semiconductors PDTB123YK Datasheet HTML 4Page - NXP Semiconductors PDTB123YK Datasheet HTML 5Page - NXP Semiconductors PDTB123YK Datasheet HTML 6Page - NXP Semiconductors PDTB123YK Datasheet HTML 7Page - NXP Semiconductors PDTB123YK Datasheet HTML 8Page - NXP Semiconductors PDTB123YK Datasheet HTML 9Page - NXP Semiconductors PDTB123YK Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
9397 750 14905
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 27 April 2005
8 of 10
Philips Semiconductors
PDTB123Y series
PNP 500 mA resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 10 kΩ
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
PDTB123Y_SER_1
20050427
Product data sheet
-
9397 750 14905
-


Similar Part No. - PDTB123YK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB123YK PHILIPS-PDTB123YK Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTB123YK NXP-PDTB123YK Datasheet
138Kb / 10P
   PNP 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
logo
Nexperia B.V. All right...
PDTB123YK NEXPERIA-PDTB123YK Datasheet
246Kb / 11P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 10 kΩ
Rev. 02 - 16 November 2009
More results

Similar Description - PDTB123YK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTB1XXXU NEXPERIA-PDTB1XXXU Datasheet
3Mb / 27P
   500 mA, 50 V PNP resistor-equipped transistors
PDTB1XXXT NEXPERIA-PDTB1XXXT Datasheet
2Mb / 18P
   500 mA, 50 V PNP resistor-equipped transistors
PDTB113Z_SER NEXPERIA-PDTB113Z_SER Datasheet
1Mb / 22P
   50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 6 January 2016
PDTB1XXXT_SER NEXPERIA-PDTB1XXXT_SER Datasheet
2Mb / 18P
   500 mA, 50 V PNP resistor-equipped transistors
Rev. 1 - 13 May 2014
PDTB1XXXU_SER NEXPERIA-PDTB1XXXU_SER Datasheet
3Mb / 27P
   500 mA, 50 V PNP resistor-equipped transistors
Rev. 1 - 6 May 2014
PDTB113_SER NEXPERIA-PDTB113_SER Datasheet
3Mb / 23P
   50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 30 March 2016
PDTB113EQA_SER NEXPERIA-PDTB113EQA_SER Datasheet
3Mb / 23P
   50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 30 March 2016
PDTB113 NEXPERIA-PDTB113 Datasheet
3Mb / 23P
   50 V, 500 mA PNP resistor-equipped transistors
PDTB113ZQA_SER NEXPERIA-PDTB113ZQA_SER Datasheet
1Mb / 22P
   50 V, 500 mA PNP resistor-equipped transistors
Rev. 1 - 6 January 2016
PDTD1XXXT NEXPERIA-PDTD1XXXT Datasheet
2Mb / 18P
   500 mA, 50 V NPN resistor-equipped transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com