Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-177K-600 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-177K-600
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-177K-600 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-177K-600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Functional Diagrams
16 pin DIP
8 pin DIP
8 pin DIP
16 pin Flat Pack
20 Pad LCCC
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
4 Channels
1 Channel
2 Channels
4 Channels
2 Channels
Note: All DIP and flat pack devices have common VCC and ground. LCCC (leadless ceramic chip carrier) package has isolated channels
with separate VCC and ground connections.
5
7
6
8
12
10
11
9
GND
VO4
VO3
1
3
2
4
16
14
15
13
VCC
VO2
VO1
1
3
2
4
8
6
7
5
VCC
GND
VO2
VO1
5
7
6
8
12
10
11
9
GND
VO4
VO3
1
3
2
4
16
14
15
13
VCC
VO2
VO1
Outline Drawings
16 Pin DIP Through Hole, 4 Channels
Leadless Device Marking
Leaded Device Marking
1
3
2
4
8
6
7
5
VCC
GND
VOUT
4.45 (0.175)
MAX.
20.06 (0.790)
20.83 (0.820)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.89 (0.035)
1.65 (0.065)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
3.81 (0.150)
MIN.
GND1
VO2
19
20
2
3
VO1
8
7
VCC2
VCC1
10
GND2
15
13
12
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
50434
Agilent DESIGNATOR
Agilent P/N
DSCC SMD*
DSCC SMD*
PIN ONE/
ESD IDENT
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
COUNTRY OF MFR.
Agilent CAGE CODE*
*QUALIFIED PARTS ONLY
A QYYWWZ
XXXXXX
XXXX
XXXXXX
XXX 50434
Agilent DESIGNATOR
Agilent P/N
PIN ONE/
ESD IDENT
COUNTRY OF MFR.
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
DSCC SMD*
DSCC SMD*
Agilent CAGE CODE*
*QUALIFIED PARTS ONLY


Similar Part No. - HCPL-177K-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-177K AVAGO-HCPL-177K Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-177K BOARDCOM-HCPL-177K Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - HCPL-177K-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com