Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N140A-600 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 6N140A-600
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

6N140A-600 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  6N140A-600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 6N140A-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
These devices have a 300%
minimum CTR at an input current
of only 0.5 mA making them ideal
for use in low input current
applications such as MOS, CMOS,
low power logic interfaces or line
receivers. Compatibility with high
voltage CMOS logic systems is
assured by specifying ICCH and
IOH at 18 Volts.
Upon special request, the follow-
ing device selections can be
made: CTR minimum of up to
600% at 0.5 mA, and lower
output leakage current levels to
100
µA.
Package styles for these parts are
8 and 16 pin DIP through hole
(case outlines P and E respec-
tively), 16 pin DIP flat pack (case
outline F), and leadless ceramic
chip carrier (case outline 2).
Devices may be purchased with a
variety of lead bend and plating
options. See Selection Guide
table for details. Standard
Military Drawing (SMD) parts are
available for each package and
lead style.
Because the same electrical die
(emitters and detectors) are used
for each channel of each device
listed in this data sheet, absolute
maximum ratings, recommended
operating conditions, electrical
specifications, and performance
characteristics shown in the
figures are similar for all parts
except as noted. Additionally, the
same package assembly processes
and materials are used in all
devices. These similarities justify
the use of a common data base
for die related reliability and
certain limited radiation test
results.
Selection Guide-Package Styles and Lead Configuration Options
16 pin
20 Pad
Package
16 pin DIP
8 pin DIP
8 pin DIP
Flat Pack
LCCC
Lead Style
Through Hole
Through Hole
Through Hole
Unformed Leads
Surface Mount
Channels
4
1
2
4
2
Common Channel Wiring
VCC, GND
None
VCC, GND
VCC, GND
None
Agilent Part # & Options
Commercial
6N140A*
HCPL-5700
HCPL-5730
HCPL-6750
HCPL-6730
MIL-PRF-38534 Class H
6N140A/883B
HCPL-5701
HCPL-5731
HCPL-6751
HCPL-6731
MIL-PRF-38534 Class K
HCPL-177K
HCPL-570K
HCPL-573K
HCPL-675K
HCPL-673K
Standard Lead Finish
Gold Plate
Gold Plate
Gold Plate
Gold Plate
Solder Pads
Solder Dipped
Option #200
Option #200
Option #200
Butt Cut/Gold Plate
Option #100
Option #100
Option #100
Gull Wing/Soldered
Option #300
Option #300
Option #300
Crew Cut/Gold Plate
Option #600
Option #600
Option #600
Class H SMD Part #
Prescript for all below
None
5962-
5962-
None
5962-
Either Gold or Solder
8302401EX
8981001PX
8978501PX
8302401FX
89785022X
Gold Plate
8302401EC
8981001PC
8978501PC
8302401FC
Solder Dipped
8302401EA
8981001PA
8978501PA
89785022A
Butt Cut/Gold Plate
8302401YC
8981001YC
8978501YC
Butt Cut/Soldered
8302401YA
8981001YA
8978501YA
Gull Wing/Soldered
8302401XA
8981001XA
8978501ZA
Crew Cut/Gold Plate
8302401ZC
Available
Available
Crew Cut/Soldered
8302401ZA
Available
Available
Class K SMD Part #
Prescript for all below
5962-
5962-
5962-
5962-
5962-
Either Gold or Solder
9800201KEX
8981002KPX
8978503KPX
9800201KFX
8978504K2X
Gold Plate
9800201KEC
8981002KPC
8978503KPC
9800201KFC
Solder Dipped
9800201KEA
8981002KPA
8978503KPA
8978504K2A
Butt Cut/Gold Plate
9800201KYC
8981002KYC
8978503KYC
Butt Cut/Soldered
9800201KYA
8981002KYA
8978503KYA
Gull Wing/Soldered
9800201KXA
8981002KXA
8978503KZA
Crew Cut/Gold Plate
9800201KZC
Available
Available
Crew Cut/Soldered
9800201KZA
Available
Available
*JEDEC registered part.


Similar Part No. - 6N140A-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - 6N140A-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com