Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1323SMM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM1323SMM
Description  1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM1323SMM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM1323SMM Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1323SMM Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1323SMM Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1323SMM Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.5 - 14
3.5
OM1323NTM, OM1323STM, OM1323NKM, OM1323SMM, OM1323NMM, OM1323N2M
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
V
DIFF  = 3.0V, TA = 25°C
-1.275
-1.225
V
DIFF  = 3.0V
-1.30
-1.20
V
V
DIFF  = 50V, TA = 25°C
-1.275
-1.225
V
DIFF  = 50V
-1.30
-1.20
Line Regulation
RLINE
3.0 V ≤
V
DIFF  ≤ 40V, TA = 25°C
-10
10
(Note 1)
-25
25
mV
Load Regulation
RLOAD
V
DIFF  = 5.0V, 8mA ≤ IL ≤ 110mA
-25
25
(Note 1)
TA = 25°C
mV
V
DIFF  = 5V, 8mA ≤ IL ≤ 1.5A, TA = 25°C
-25
25
-45
45
Thermal Regulation
VRTH
Vin = -14.6V, IL = 1.5A
-5
5
mV
Pd = 20 Watts, t = 10 ms, TA = 25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
66
dB
(Note 2)
CAdj = 10 µF
Adjustment Pin Current
IAdj
V
DIFF  = 3.0V
100
V
DIFF  = 40V
100
µA
V
DIFF  ≤ 50V
100
µA
Adjustment Pin
∆IAdj
V
DIFF  = 5V, 8mA ≤ IL ≤ 1.5A
-5
5
Current Change
3 V ≤
V
DIFF  ≤ 50V
-6
6
µA
Miminum Load Current
ILmin
V
DIFF  = 3.0V, Vout = -1.4V (forced)
3.0
V
DIFF  = 10V, Vout = -1.4V (forced)
3.0
mA
V
DIFF  = 40V, Vout = -1.4V (forced)
5.0
V
DIFF  = 50V, Vout = -1.4V (forced)
5.0
Current Limit
ICL
V
DIFF  ≤5V
1.5
3.5
(Note 2)
V
DIFF  = 50V, TA = 25°C
0.2
1.0
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The
denotes the specifications which apply over the full operating temperature range.
PART NUMBER DESIGNATOR
Standard Military Drawing Number
Omnirel Part Number
Omnirel Package Designation
7703404M
OM1323SMM
SMD-3
7703404U
OM1323STM
TO-257 (Isolated)
7703404T
OM1323NTM
TO-257 (non-Isolated)
7703404Y
OM1323NKM
TO-3
7703404N
OM1323NMM
SMD-1
77034042
OM1323N2M
LCC-20
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1323NTM, OM1323STM, OM1323NKM, OM1323SMM, OM1323NMM


Similar Part No. - OM1323SMM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1320 IRF-OM1320 Datasheet
42Kb / 4P
   Similar To Industry Standard LM117
logo
List of Unclassifed Man...
OM1320N2M ETC-OM1320N2M Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1320N2M IRF-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
OM1320N2M ETC2-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1320NKM ETC-OM1320NKM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
More results

Similar Description - OM1323SMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1322ST ETC-OM1322ST Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403
OM1327SMM ETC-OM1327SMM Datasheet
53Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
logo
List of Unclassifed Man...
OM1321SMM ETC1-OM1321SMM Datasheet
40Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
logo
International Rectifier
7703401UA IRF-7703401UA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
7703401TA ETC2-7703401TA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com