Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1323 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM1323
Description  1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM1323 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM1323 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1323 Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1323 Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1323 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.5 - 13
3.5
Three Terminal, Precision Adjustable
Negative Voltage Regulator In Hermetic
Style Packages (LM137HV)
4 11 R2
Supersedes 1 07 R1
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE
REGULATOR APPROVED TO DESC DRAWING 7703404
OM1323STM
OM1323N2M
OM1323NMM
OM1323NTM
OM1323SMM
OM1323NKM
FEATURES
• Similar To Industry Standard LM137HV
• Approved To DESC Standardized Military Drawing Number 7703404
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
• Available In Six Package Styles
DESCRIPTION
These three terminal negative regulators are supplied in hermetically sealed
packages. All protective features are designed into the circuit, including thermal
shutdown, current-limiting, and safe-area control. With heat sinking, these devices
can deliver up to 1.5 amps of output current. The LCC-20 device is limited to .5
amps. The unit also features output voltages that can be fixed from -1.2 volts to -47
volts using external resistors.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 W
Input - Output Voltage Differential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Thermal Resistance, Junction to Case:
Case 2, LCC-20 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17°C/W
Case U & M, TO-257 (Isol) and SMD-3 . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2°C/W
Case T&N, TO-257 (Non-Isol) and SMD-1 . . . . . . . . . . . . . . . . . . . . . . . 3.5°C/W
Case Y, TO-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0°C/W
Maximum Output Current:
Case 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
.5 A
Case-All Others. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5A
Recommended Operating Conditions:
Output Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-1.2 to -47 VDC
Ambient Operating Temperature Range (TA). . . . . . . . . . . . . . . . - 55°C to + 125°C
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -4.25 to -51.25 VDC
Please see mechanical
outlines herein


Similar Part No. - OM1323

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1320 IRF-OM1320 Datasheet
42Kb / 4P
   Similar To Industry Standard LM117
logo
List of Unclassifed Man...
OM1320N2M ETC-OM1320N2M Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1320N2M IRF-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
OM1320N2M ETC2-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1320NKM ETC-OM1320NKM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
More results

Similar Description - OM1323

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1322ST ETC-OM1322ST Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403
OM1327SMM ETC-OM1327SMM Datasheet
53Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
logo
List of Unclassifed Man...
OM1321SMM ETC1-OM1321SMM Datasheet
40Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
logo
International Rectifier
7703401UA IRF-7703401UA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
7703401TA ETC2-7703401TA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com