Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37512VP400-83BBXC Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY37512VP400-83BBXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37512VP400-83BBXC Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY37512VP400-83BBXC Datasheet HTML 14Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 15Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 16Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 17Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 18Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 19Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 20Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 21Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 18 of 64
Product Term Clocking Parameters
tCOPT
[13, 14, 15]
Product Term Clock or Latch Enable (PTCLK) to Output
ns
tSPT
Set-Up Time from Input to Product Term Clock or Latch Enable (PTCLK)
ns
tHPT
Register or Latch Data Hold Time
ns
tISPT
[13]
Set-Up Time for Buried Register used as an Input Register from Input to Product Term Clock or
Latch Enable (PTCLK)
ns
tIHPT
Buried Register Used as an Input Register or Latch Data Hold Time
ns
tCO2PT
[13, 14, 15]
Product Term Clock or Latch Enable (PTCLK) to Output Delay (Through Logic Array)
ns
Pipelined Mode Parameters
tICS
[13]
Input Register Synchronous Clock (CLK0, CLK1, CLK2, or CLK3) to Output Register Synchronous
Clock (CLK0, CLK1, CLK2, or CLK3)
ns
Operating Frequency Parameters
fMAX1
Maximum Frequency with Internal Feedback (Lesser of 1/tSCS, 1/(tS + tH), or 1/tCO)
[5]
MHz
fMAX2
Maximum Frequency Data Path in Output Registered/Latched Mode (Lesser of 1/(tWL + tWH),
1/(tS +tH), or 1/tCO)
[5]
MHz
fMAX3
Maximum Frequency with External Feedback (Lesser of 1/(tCO + tS) or 1/(tWL + tWH)
[5]
MHz
fMAX4
Maximum Frequency in Pipelined Mode (Lesser of 1/(tCO + tIS), 1/tICS, 1/(tWL + tWH), 1/(tIS + tIH),
or 1/tSCS)
[5]
MHz
Reset/Preset Parameters
tRW
Asynchronous Reset Width[5]
ns
tRR
[13]
Asynchronous Reset Recovery Time[5]
ns
tRO
[13, 14, 15]
Asynchronous Reset to Output
ns
tPW
Asynchronous Preset Width[5]
ns
tPR
[13]
Asynchronous Preset Recovery Time[5]
ns
tPO
[13, 14, 15]
Asynchronous Preset to Output
ns
User Option Parameters
tLP
Low Power Adder
ns
tSLEW
Slow Output Slew Rate Adder
ns
t3.3IO
3.3V I/O Mode Timing Adder[5]
ns
JTAG Timing Parameters
tS JTAG
Set-up Time from TDI and TMS to TCK[5]
ns
tH JTAG
Hold Time on TDI and TMS[5]
ns
tCO JTAG
Falling Edge of TCK to TDO[5]
ns
fJTAG
Maximum JTAG Tap Controller Frequency[5]
ns
Switching Characteristics Over the Operating Range (continued)[12]
Parameter
Description
Unit


Similar Part No. - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37512VP400-83BBC CYPRESS-CY37512VP400-83BBC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com