Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37512VP400-83BBXC Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # CY37512VP400-83BBXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37512VP400-83BBXC Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button CY37512VP400-83BBXC Datasheet HTML 53Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 54Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 55Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 56Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 57Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 58Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 59Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 60Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 57 of 64
Package Diagrams (continued)
SEATING PLANE
DIMENSION IN MM (INCH)
2.79(.110)
2.03(.080)
0.500(.020)
0.050(.002)
(.020 ±.008)
0.51 ±0.20
(.006 ±.001)
0.15 ±0.02
TYP.
0.300(.012)
TYP.
0.650(.0256)
(1.228 ±.010)
31.20 ±0.25
(1.102 ±.004)
28.00 ±0.10
SQ.
SQ.
PIN 1
25.35±0.10
(.998±.004)
TYP.
SEE DETAIL A
(.008 MIN.)
0°-7°
0.20 MIN.
DETAIL A
REFERENCE JEDEC: N/A
PKG. WEIGHT: 6-7gms
0° MIN.
R 0.13(.005)
MIN.
160-Lead Ceramic Quad Flatpack (Cavity Up) U162
51-80106-*A


Similar Part No. - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37512VP400-83BBC CYPRESS-CY37512VP400-83BBC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com