Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37512VP400-83BBXC Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CY37512VP400-83BBXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37512VP400-83BBXC Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CY37512VP400-83BBXC Datasheet HTML 45Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 46Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 47Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 48Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 49Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 50Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 51Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 52Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 49 of 64
256
100
CY37256VP160-100AC
A160
160-Lead Thin Quad Flat Pack
Commercial
CY37256VP160-100AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37256VP208-100NC
N208
208-Lead Plastic Quad Flat Pack
CY37256VP256-100BGC
BG256
256-Ball Ball Grid Array
CY37256VP256-100BBC
BB256
256-Ball Fine-Pitch Ball Grid Array
CY37256VP160-100AI
A160
160-Lead Thin Quad Flat Pack
Industrial
CY37256VP160-100AXI
A160
160-Lead Lead Free Thin Quad Flat Pack
66
CY37256VP160-66AC
A160
160-Lead Thin Quad Flat Pack
Commercial
CY37256VP160-66AXC
A160
160-Lead Lead Free Thin Quad Flat Pack
CY37256VP208-66NC
N208
208-Lead Plastic Quad Flat Pack
CY37256VP256-66BGC
BG256
256-Ball Ball Grid Array
CY37256VP256-66BBC
BB256
256-Ball Fine-Pitch Ball Grid Array
CY37256VP160-66AI
A160
160-Lead Thin Quad Flat Pack
Industrial
CY37256VP256-66BGI
BG256
256-Ball Ball Grid Array
CY37256VP256-66BBI
BB256
256-Ball Fine-Pitch Ball Grid Array
5962-9952401QZC
U162
160-Lead Ceramic Quad Flat Pack
Military
384
83
CY37384VP208-83NC
N208
208-Lead Plastic Quad Flat Pack
Commercial
CY37384VP256-83BGC
BG256
256-Ball Ball Grid Array
66
CY37384VP208-66NC
N208
208-Lead Plastic Quad Flat Pack
Commercial
CY37384VP256-66BGC
BG256
256-Ball Ball Grid Array
CY37384VP208-66NI
N208
208-Lead Plastic Quad Flat Pack
Industrial
CY37384VP256-66BGI
BG256
256-Ball Ball Grid Array
512
83
CY37512VP208-83NC
N208
208-Lead Plastic Quad Flat Pack
Commercial
CY37512VP256-83BGC
BG256
256-Ball Ball Grid Array
CY37512VP352-83BGC
BG352
352-Ball Ball Grid Array
CY37512VP400-83BBC
BB400
400-Ball Fine-Pitch Ball Grid Array
66
CY37512VP208-66NC
N208
208-Lead Plastic Quad Flat Pack
Commercial
CY37512VP256-66BGC
BG256
256-Ball Ball Grid Array
CY37512VP352-66BGC
BG352
352-Ball Ball Grid Array
CY37512VP400-66BBC
BB400
400-Ball Fine-Pitch Ball Grid Array
CY37512VP208-66NI
N208
208-Lead Plastic Quad Flat Pack
Industrial
CY37512VP256-66BGI
BG256
256-Ball Ball Grid Array
CY37512VP352-66BGI
BG352
352-Ball Ball Grid Array
CY37512VP400-66BBI
BB400
400-Ball Fine-Pitch Ball Grid Array
5962-9952601QZC
U208
208-Lead Ceramic Quad Flat Pack
Military
3.3V Ordering Information (continued)
Macro-
cells
Speed
(MHz)
Ordering Code
Package
Name
Package Type
Operating
Range


Similar Part No. - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37512VP400-83BBC CYPRESS-CY37512VP400-83BBC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com