Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37512VP400-83BBXC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CY37512VP400-83BBXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37512VP400-83BBXC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CY37512VP400-83BBXC Datasheet HTML 31Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 32Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 33Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 34Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 35Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 36Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 37Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 38Page - Cypress Semiconductor CY37512VP400-83BBXC Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 35 of 64
Pin Configurations[20] (continued)
100-ball Fine-Pitch BGA (BB100) for CY37064V
Top View
100-ball Fine-Pitch BGA (BB100) for CY37128V
Top View
12
34
567
89
10
A
NC
NC
I/O7
I/O5
I/O2
I/O62
I/O60
I/O58
I/O57
I/O56
BI/O9
I/O8
I/O6
I/O4
I/O1
I/O63
VCC
I/O59
I/O55
NC
C
I/O10
TCK
VCC
I/O3
NC
NC
I/O61
VCC
TDI
I/O54
D
I/O11
NC
I/O12
I/O13
I/O0
NC
I/O51
I/O52
CLK3/
I4
I/O53
E
I/O14
CLK0/
I0
I/O15
NC
GND
GND
I/O48
I/O49
CLK2/
I3
I/O50
F
I/O17
NC
NC
I/O16
GND
GND
NC
NC
I2
I/O47
G
I/O22
CLK1/
I1
I/O21
I/O19
I/O18
I/O46
I/O45
I/O44
NC
I/O43
H
I/O23
TMS
VCC
I/O20
NC
I/O32
I/O42
VCC
TDO
I/O41
JNC
I/O26
I/O28
NC
I/O31
I/O33
I/O35
I/O37
I/O39
I/O40
K
I/O24
I/O25
I/O27
I/O29
I/O30
I/O34
I/O36
I/O38
NC
NC
12
34
567
89
10
A
NC
I/O9
I/O8
I/O6
I/O3
I/O76
I/O74
I/O72
I/O71
I/O70
B
I/O11
I/O10
I/O7
I/O5
I/O2
I/O77
VCC
I/O73
I/O68
I/O69
C
I/O12
I/O13
TCK
VCC
I/O4
I/O1
I/O78
I/O75
VCC
I/O67
TDI
I/O66
D
I/O14
NC
I/O15
I/O16
I/O0
I/O79
I/O63
I/O64
CLK3/
I4
I/O65
E
I/O17
CLK0/
I0
I/O18
I/O19
GND
GND
I/O60
I/O61
CLK2/
I3
I/O62
F
I/O22
JTAG
EN
I/O21
I/O20
GND
GND
I/O59
I/O58
I2
I/O57
G
I/O27
CLK1/
I1
I/O26
I/O24
I/O23
I/O56
I/O55
I/O54
NC
I/O53
H
I/O28
I/O33
TMS
VCC
I/O25
I/O39
I/O40
I/O52
VCC
I/O47
TDO
I/O51
J
I/O29
I/O32
I/O35
VCC
I/O38
I/O41
I/O43
I/O45
I/O48
I/O50
K
I/O30
I/O31
I/O34
I/O36
I/O37
I/O42
I/O44
I/O46
I/O49
NC


Similar Part No. - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37512VP400-83BBC CYPRESS-CY37512VP400-83BBC Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37512VP400-83BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com