Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

595D685X9016A2T Datasheet(PDF) 4 Page - ON Semiconductor

Part # 595D685X9016A2T
Description  Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

595D685X9016A2T Datasheet(HTML) 4 Page - ON Semiconductor

  595D685X9016A2T Datasheet HTML 1Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 2Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 3Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 4Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 5Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 6Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 7Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 8Page - ON Semiconductor 595D685X9016A2T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AND8098/D
http://onsemi.com
4
In non-isolated topologies such as buck or buck-boost,
the circuits are mainly designed for CCM. The CCM
burst-mode waveform is different to the PWM waveform in
Figure 5. Because of this characteristic, burst mode requires
a higher peak value of the inductor current in order to have
the same level of averaged inductor current (or output
current).
Figure 5. CCM Inductor Currents in Burst Mode
and traditional PWM Control
Burst mode
PWM
As shown in Figure 4 and 5 burst-mode control produces
low-frequency waveform comparing to the switching
frequency. Part of the power loss in this low frequency
becomes audible noise. Therefore, burst-mode control is
not suitable for high power applications such as more than
20 W.
VCC Capacitor
The VCC capacitor C2 is the key component to make the
circuit operate in normal mode or fault mode. The device
recognizes a fault condition when there is no feedback
current in the FB pin during the time from VCC = 8.5 V to
7.5 V. The VCC capacitor directly affects this time duration.
In normal mode, the VCC follows a 8.5 V-7.5 V-8.5 V
hysteresis loop. When the circuit is in fault mode, the VCC
follows a 8.5 V-7.5 V-4.5 V-8.5 V hysteresis loop. The
device keeps its MOSFET opened except for the time from
VCC = 8.5 V to 7.5 V and delivers a little amount of power
to the output in fault mode.
A common and extreme case to enter fault condition is the
startup. The MOSFET begins switching at the VCC is firstly
charged to 8.5 V and hence output voltage rises. The output
voltage needs some time to build up the output voltage from
0 V to a desired value. When the desired level is reached, a
feedback current flows into the device to stop its switching.
If the feedback current is determined before VCC reaches
7.5V, the circuit will remain in normal mode. Otherwise, the
circuit will enter the fault mode and cannot provide the
output voltage at its desired level. Therefore, the VCC
capacitor is needed to be big enough to ensure sufficient time
for VCC going from 8.5 V to 7.5 V to sample feedback
current in startup.
Figure 6. Startup Scenarios of the Circuits with
Big Enough or Too Small VCC Capacitor
Output waveforms with big enough VCC capacitor
time
FB current
VCC
Vout
Output waveforms with too small VCC capacitor
time
VCC
Vout
Desired level of Vout
Practically, the NCP1052 consumes approximately 0.5
mA in normal operation. The concerned fault sampling time
for feedback signal is from 8.5 V to 7.5V. Hence,
C
+ I dt
dV
+ 0.5
10-3
1
· sampling time
(eq. 4)
+ 0.5
10-3 · sampling time
For example, if sampling time or startup transient is
designed to be 20 ms, 10
µF VCC capacitor is needed.
Inductor
The 300 mA current limit in the NCP1052 is measured
with a condition that the di/dt reaches 300 mA in 4
µs. When
the buck or buck-boost circuit is designed for universal ac
input voltage (85 to 265 Vac), the rectified input voltage will
be possibly as high as 375 Vdc. In order to keep the 4
µs
condition, the inductance value will be 5 mH by (5) and (6).
For buck,
di
dt
+
Vin * Vout
L
[
Vin
L
(eq. 5)
For buck-boost,
di
dt
+
Vin
L
(eq. 6)
The 5 mH is practically too high and hence not very
practical. Therefore, the inductor is basically selected by
market available inductor models which is with a normally
smaller inductance (but not too small). It must have enough
saturation current level (>300 mA). If inductance is too


Similar Part No. - 595D685X9016A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D685X9016A VISHAY-595D685X9016A Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
More results

Similar Description - 595D685X9016A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759DB VISHAY-SIP1759DB Datasheet
456Kb / 5P
   100 mA Buck-Boost Regulator Demonstration Board
Rev. A, 31-Jul-06
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
   High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
FSP TECHNOLOGY INC.
FP1500 FSP-FP1500 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
CP750 FSP-CP750 Datasheet
68Kb / 1P
   Boost and Buck AVR for voltage stabilization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com