Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8981001YC Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5962-8981001YC
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-8981001YC Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5962-8981001YC Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-8981001YC Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
3
2
4
8
6
7
5
VCC
GND
VOUT
Hermetically Sealed, Low I
F,
Wide V
CC, High Gain
Optocouplers
Technical Data
Features
• Dual Marked with Device
Part Number and DSCC
Drawing Number
• Manufactured and Tested on
a MIL-PRF-38534 Certified
Line
• QML-38534, Class H and K
• Five Hermetically Sealed
Package Configurations
• Performance Guaranteed,
Over -55
°C to +125°C
• Low Input Current
Requirement: 0.5 mA
• High Current Transfer
Ratio: 1500% Typical @
IF = 0.5 mA
• Low Output Saturation
Voltage: 0.11 V Typical
• 1500 Vdc Withstand Test
Voltage
• High Radiation Immunity
• 6N138/9, HCPL-2730/31
Function Compatibility
• Reliability Data
Applications
• Military and Space
• High Reliability Systems
• Telephone Ring Detection
• Microprocessor System
Interface
• Transportation, Medical, and
Life Critical Systems
• Isolated Input Line Receiver
• EIA RS-232-C Line Receiver
• Voltage Level Shifting
• Isolated Input Line Receiver
• Isolated Output Line Driver
• Logic Ground Isolation
• Harsh Industrial Environments
• Current Loop Receiver
• System Test Equipment
Isolation
• Process Control
Input/Output Isolation
Description
These units are single, dual, and
quad channel, hermetically sealed
optocouplers. The products are
capable of operation and storage
over the full military temperature
range and can be purchased as
either standard product or with
full MIL-PRF-38534 Class Level
H or K testing or from the appro-
priate DSCC Drawing. All devices
are manufactured and tested on a
MIL-PRF-38534 certified line and
are included in the DSCC Quali-
fied Manufacturers List QML-
38534 for Hybrid Microcircuits.
Each channel contains a GaAsP
light emitting diode which is
optically coupled to an integrated
high gain photon detector. The
high gain output stage features
an open collector output providing
both lower saturation voltage and
higher signaling speed than
possible with conventional photo-
Darlington optocouplers. The
shallow depth and small junctions
offered by the IC process
provides better radiation
immunity than conventional
photo transistor optocouplers.
The supply voltage can be
operated as low as 2.0 V without
adversely affecting the
parametric performance.
Functional Diagram
Multiple Channel Devices
Available
Truth Table
(Positive Logic)
Input
Output
On (H)
L
Off (L)
H
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
*See matrix for available extensions.
5962-89810
HCPL-573X
HCPL-673X
5962-89785
5962-98002
6N140A*
HCPL-675X
83024
HCPL-570X
HCPL-177K
The connection of a 0.1 µF bypass capacitor between VCC and GND is recommended.


Similar Part No. - 5962-8981001YC

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
5962-89810 BOARDCOM-5962-89810 Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - 5962-8981001YC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com