Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO4812 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LPO4812
Description  Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LPO4812 Datasheet(HTML) 1 Page - ON Semiconductor

  LPO4812 Datasheet HTML 1Page - ON Semiconductor LPO4812 Datasheet HTML 2Page - ON Semiconductor LPO4812 Datasheet HTML 3Page - ON Semiconductor LPO4812 Datasheet HTML 4Page - ON Semiconductor LPO4812 Datasheet HTML 5Page - ON Semiconductor LPO4812 Datasheet HTML 6Page - ON Semiconductor LPO4812 Datasheet HTML 7Page - ON Semiconductor LPO4812 Datasheet HTML 8Page - ON Semiconductor LPO4812 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 5
1
Publication Order Number:
NCP1511/D
NCP1511
Up to 500 mA, High
Efficiency Synchronous
Step−Down DC−DC Converter
in Chip Scale Package
The NCP1511 step−down PWM DC−DC converter is optimized
for portable applications powered from 1−cell Li−ion or 3−cell
Alkaline/NiCd/NiMH batteries. This DC−DC converter utilizes a
current−mode control architecture for easy compensation and better
line regulation. It also uses synchronous rectification to increase
efficiency and reduce external part count. The NCP1511 optimizes
efficiency in light load conditions when switched from a normal
PWM mode to a “pulsed switching” mode. The device also has a
built−in oscillator for the PWM circuitry, or it can be synchronized to
an external 500 kHz to 1000 kHz clock signal. Finally, it includes an
integrated soft−start, cycle−by−cycle current limiting, and thermal
shutdown protection. The NCP1511 is available in a chip scale
package.
Features
High Efficiency:
93% for 1.89 V Output at 3.6 V Input and 150 mA Load Current
92% for 1.89 V Output at 3.6 V Input and 300 mA Load Current
Digital Programmable Output Voltages: 1.0, 1.3, 1.5 or 1.89 V
Output Current up to 500 mA at V
in = 3.6 V
Low Quiescent Current of 14 mA in Pulsed Switching Mode
Low 0.1 mA Shutdown Current
−30°C to 85°C Operation Temperature
Ceramic Input/Output Capacitor
9 Pin Chip Scale Package
Pb−Free Package is Available
Applications
Cellular Phones, Smart Phones and PDAs
Digital Still Cameras
MP3 Players and Portable Audio Systems
Wireless and DSL Modems
Portable Equipment
DAL
AYWW
A1
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NCP1511FCT1
3000 Tape & Reel
9 PIN
MICRO BUMP
FC SUFFIX
CASE 499AC
MARKING
DIAGRAM
Micro Bump
XX = Device Code
A
= Assembly Location
Y
= Year
WW = Work Week
C1
C2
C3
B1
B2
B3
A1
A2
A3
Pin: A1. − GNDP
A2. − LX
A3. − VCC
B1. − SYNC
B2. − GNDA
B3. − FB
C1. − SHD
C2. − CB1
C3. − CB0
(Bottom View)
PIN CONNECTIONS
NCP1511FCT1G
3000 Tape & Reel
Micro Bump
(Pb−Free)
A1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Figure 1. Typical Application Circuit
VCC
SHD
SYNC
GNDA GNDP
CB0
CB1
FB
LX
Vin
2.5 V − 5.2 V
6.8
mH
Vout
CB0 and CB1
Control Input
Cin
10
mF
Cout
22
mF
A3
C1
B1
B2
A1
C3
C2
B3
A2
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
PWM Mode
Pulsed Mode
Iout (mA)
Figure 2. Efficiency vs. Output Current
Vin = 3.6 V
Vout = 1.5 V
TA= 25°C


Similar Part No. - LPO4812

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LPO4812 LINEAR-LPO4812 Datasheet
196Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
logo
Coilcraft lnc.
LPO4812 COILCRAFT-LPO4812 Datasheet
209Kb / 2P
   SMT Power Inductors
LPO4812-102ML COILCRAFT-LPO4812-102ML Datasheet
218Kb / 2P
   SMT Power Inductors
LPO4812-102ML COILCRAFT-LPO4812-102ML Datasheet
209Kb / 2P
   SMT Power Inductors
LPO4812-103KL COILCRAFT-LPO4812-103KL Datasheet
218Kb / 2P
   SMT Power Inductors
More results

Similar Description - LPO4812

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
   HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
   High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com