Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM54V16272 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM54V16272
Description  262,144-Word x 16-Bit Multiport DRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V16272 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM54V16272 Datasheet HTML 1Page - OKI electronic componets MSM54V16272 Datasheet HTML 2Page - OKI electronic componets MSM54V16272 Datasheet HTML 3Page - OKI electronic componets MSM54V16272 Datasheet HTML 4Page - OKI electronic componets MSM54V16272 Datasheet HTML 5Page - OKI electronic componets MSM54V16272 Datasheet HTML 6Page - OKI electronic componets MSM54V16272 Datasheet HTML 7Page - OKI electronic componets MSM54V16272 Datasheet HTML 8Page - OKI electronic componets MSM54V16272 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
¡ Semiconductor
MSM54V16272
4/39
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input Output Voltage
VT
–0.5 to 4.6
V
Output Current
IOS
50
mA
Power Dissipation
PD
1W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–55 to 150
°C
Condition
Ta = 25°C
Ta = 25°C
Ta = 25°C
(Note: 1)
Recommended Operating Conditions
Parameter
Symbol
Unit
Power Supply Voltage
VCC
V
Input High Voltage
VIH
V
Input Low Voltage
VIL
V
Min.
3.0
2.0
–0.3
Typ.
3.3
Max.
3.6
VCC + 0.3
0.8
(Ta = 0°C to 70°C) (Note: 2)
Capacitance
Parameter
Symbol
Min.
Unit
Input Capacitance
Ci
—pF
Input/Output Capacitance
Cio
—pF
Max.
6
7
Output Capacitance
Co(QSF)
pF
7
(VCC = 3.3 V ±0.3 V, f = 1 MHz, Ta = 25°C)
Note:
This parameter is periodically sampled and is not 100% tested.
DC Characteristics 1
Parameter
Symbol
Condition
Output "H" Level Voltage
VOH
IOH = –2 mA
Output "L" Level Voltage
VOL
IOL = 2 mA
Input Leakage Current
ILI
0 £ VIN £ VCC
All other pins not
under test = 0 V
Min.
2.4
–10
Max.
0.4
10
Unit
V
mA
Output Leakage Current
ILO
0 £ VOUT £ VCC
Output Disable
–10
10


Similar Part No. - MSM54V16272

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V16273 OKI-MSM54V16273 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
More results

Similar Description - MSM54V16272

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416273 OKI-MSM5416273 Datasheet
391Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416283 OKI-MSM5416283 Datasheet
391Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16273 OKI-MSM54V16273 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com