Electronic Components Datasheet Search |
|
MSM54V16272 Datasheet(PDF) 35 Page - OKI electronic componets |
|
MSM54V16272 Datasheet(HTML) 35 Page - OKI electronic componets |
35 / 39 page ¡ Semiconductor MSM54V16272 35/39 DATA TRANSFER OPERATIONS The MSM54V16272 features two types of bidirectional data transfer capability between RAM and SAM. 1) Conventional (non split) transfer: 512 words by 16 bits of data can be loaded from RAM to SAM (Read transfer), or from SAM to RAM (Write transfer). 2) Split transfer: 256 words by 16 bits of data can be loaded from the lower/upper half of the RAM to the lower/upper half of the SAM (Split read transfer), or from the lower/upper half of SAM to the lower/upper half of RAM (Split write transfer). The conventional transfer and split transfer modes are controlled by the DSF input signal. Data transfer is invoked by holding the TRG signal "low" at the falling edge of RAS. The MSM54V16272 supports 4 types of transfer operations: Read transfer, Split read transfer, Write transfer and Split write transfer as shown in the truth table. The type of transfer operation is determined by the state of CAS, WE and DSF latched at the falling edge of RAS. During conventional transfer operations, the SAM port is switched from input to output mode (Read transfer), or output to input mode (Write transfer). It remains unchanged during split transfer operation (Split read transfer or Split write transfer). Both RAM and SAM are divided by the most significant row address (AX8), as shown in Figure 1. Therefore, no data transfer between AX8 = 0 side RAM and AX8 = 1 side RAM can be provided through the SAM. Care must be taken if the split read transfer on AX8 = 1 side (or AX8 = 0 side) is provided after the read transfer or the split read transfer, is provided on AX8 = 0 side (or AX8 = 1 side). Figure 1. RAM and SAM Configuration 256 ¥ 256 ¥ 16 Memory Array 256 ¥ 256 ¥ 16 Memory Array 256 ¥ 256 ¥ 16 Memory Array 256 ¥ 256 ¥ 16 Memory Array AX8 = 0 AX8 = 1 SAM I/O Buffer SDQ0 - 15 |
Similar Part No. - MSM54V16272 |
|
Similar Description - MSM54V16272 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |